Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1644IGN Datasheet(PDF) 1 Page - Linear Technology

Part # LTC1644IGN
Description  CompactPCI Bus Hot Swap Controller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1644IGN Datasheet(HTML) 1 Page - Linear Technology

  LTC1644IGN Datasheet HTML 1Page - Linear Technology LTC1644IGN Datasheet HTML 2Page - Linear Technology LTC1644IGN Datasheet HTML 3Page - Linear Technology LTC1644IGN Datasheet HTML 4Page - Linear Technology LTC1644IGN Datasheet HTML 5Page - Linear Technology LTC1644IGN Datasheet HTML 6Page - Linear Technology LTC1644IGN Datasheet HTML 7Page - Linear Technology LTC1644IGN Datasheet HTML 8Page - Linear Technology LTC1644IGN Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
LTC1644
1
1644f
The LTC
®1644 is a Hot SwapTM controller that allows a board
to be safely inserted and removed from a CompactPCI bus
slot. External N-channel transistors control the 3.3V/5V
supplies, while on-chip switches control the
–12V and 12V supplies. The 3.3V and 5V supplies can be
ramped up at a programmable rate. Electronic circuit break-
ers protect all four supplies against overcurrent faults. The
PWRGD output indicates when all of the supply voltages are
within tolerance. The OFF/ON pin is used to cycle the board
power or reset the circuit breaker. The PRECHARGE output
can be used to bias the bus I/O pins during card insertion
and extraction. PCI_RST# is combined on-chip with
HEALTHY# in order to generate LOCAL_PCI_RST#.
s
Hot Board Insertion into CompactPCI Bus
, LTC and LT are registered trademarks of Linear Technology Corporation.
s
Allows Safe Board Insertion and Removal from a
Live, CompactPCI
TM Bus
s
Controls –12V, 3.3V, 5V and 12V Supplies
s
Adjustable Foldback Current Limit with Circuit
Breaker
s
Dual-Level Circuit Breakers Protect 5V and 3.3V
Supplies from Overcurrent and Short-Circuit Faults
s
LOCAL_PCI_RST# Logic On-Chip
s
PRECHARGE Output Biases I/O Pins During Card
Insertion and Extraction
s
Adjustable Supply Voltage Power-Up Rate
CompactPCI Bus
Hot Swap Controller
Hot Swap is a trademark of Linear Technology Corporation.
CompactPCI is a trademark of the PCI Industrial Computer Manufacturers Group.
Figure 1
DESCRIPTIO
FEATURES
APPLICATIO S
TYPICAL APPLICATIO
Z2
C5
0.01
µF
C1
0.047
µF
C4
0.01
µF
GND
12VIN
VEEIN
OFF/ON
FAULT
PWRGD
RESETIN
3VIN
3VIN*
5VIN*
3VSENSE
17
3VOUT
18
5VIN
LTC1644
20-PIN SSOP
13
PRECHARGE
12
DRIVE
11
5VOUT
3
5VSENSE
14
16
GATE
15
1
2
5
6
7
9
12VOUT
VEEOUT
TIMER
RESETOUT
20
19
4
10
R18
2k
R19
1k
R20 1.2k
EARLY V(I/O)
R3
10
5VIN
Z1
C6
0.01
µF
C7
0.01
µF
Z1, Z2: SMAJ12CA
Z3, Z4: 1PMT5.0AT3
*5VIN AND 3VIN MAY BE USED AS SOURCES OF EARLY POWER
R4
10
R17
2k
5VOUT
5V AT 5.7A
3VOUT
3.3V AT 8A
12VOUT
12V AT 500mA
VEEOUT
–12V AT 100mA
I/O DATA LINE 1
I/O DATA LINE 128
I/O #1
1644 F01
Q3
MMBT2222A
1V
±10%
8
R11
51k
R10
18
Ω 5%
3VIN
3VOUT
R13 10
I/O #128
R14 10
R12
51k
R6
2k
R5
1k
R8 1k
R7
12
C3 4.7nF
R9
24
R1
0.005
Q1
IRF7413
Q2
IRF7413
R2
0.007
C2
0.1
µF
CLOAD(5VOUT)
CLOAD(3VOUT)
CLOAD(VEEOUT)
CLOAD(12VOUT)
RESET#
PCI
BRIDGE
CHIP
PCB EDGE
BACKPLANE
CONNECTOR
R15
1
R16
1
BACKPLANE
CONNECTOR
5V
LONG 5V
3.3V
LONG 3.3V
12V
–12V
BD_SEL#
HEALTHY#
PCI_RST#
GROUND
I/O PIN 1
I/O PIN 128
Z3
R21 1.74
R22 2.74
Z4
C8
0.1
µF
PER 10
POWER
PINS
C9
0.1
µF
PER 10
POWER
PINS
+
+
+


Similar Part No. - LTC1644IGN

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1644 LINER-LTC1644 Datasheet
322Kb / 40P
Hot Swap Controller
LTC1644 LINER-LTC1644_15 Datasheet
453Kb / 24P
CompactPCI Bus Hot Swap Controller
More results

Similar Description - LTC1644IGN

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1643AL LINER-LTC1643AL Datasheet
251Kb / 16P
PCI-Bus Hot Swap Controller
logo
Summit Microelectronics...
SMH4042A SUMMIT-SMH4042A Datasheet
1Mb / 28P
Distributed Power Hot-Swap Controller for CompactPCI
logo
Linear Technology
LTC4244 LINER-LTC4244 Datasheet
333Kb / 28P
Rugged, CompactPCI Bus Hot Swap Controllers
LTC1646 LINER-LTC1646 Datasheet
407Kb / 20P
CompactPCI Dual Hot Swap Controller
LTC1643L LINER-LTC1643L_15 Datasheet
288Kb / 16P
PCI-Bus Hot Swap Controller
LTC1643L-1 LINER-LTC1643L-1_15 Datasheet
288Kb / 16P
PCI-Bus Hot Swap Controller
LTC1646 LINER-LTC1646_15 Datasheet
413Kb / 20P
CompactPCI Dual Hot Swap Controller
LTC1644 LINER-LTC1644_15 Datasheet
453Kb / 24P
CompactPCI Bus Hot Swap Controller
LTC4244 LINER-LTC4244_15 Datasheet
354Kb / 28P
Rugged, CompactPCI Bus Hot Swap Controllers
LTC4244-1 LINER-LTC4244-1_15 Datasheet
354Kb / 28P
Rugged, CompactPCI Bus Hot Swap Controllers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com