Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1644IGN Datasheet(PDF) 13 Page - Linear Technology

Part # LTC1644IGN
Description  CompactPCI Bus Hot Swap Controller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1644IGN Datasheet(HTML) 13 Page - Linear Technology

Back Button LTC1644IGN Datasheet HTML 9Page - Linear Technology LTC1644IGN Datasheet HTML 10Page - Linear Technology LTC1644IGN Datasheet HTML 11Page - Linear Technology LTC1644IGN Datasheet HTML 12Page - Linear Technology LTC1644IGN Datasheet HTML 13Page - Linear Technology LTC1644IGN Datasheet HTML 14Page - Linear Technology LTC1644IGN Datasheet HTML 15Page - Linear Technology LTC1644IGN Datasheet HTML 16Page - Linear Technology LTC1644IGN Datasheet HTML 17Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
LTC1644
13
1644f
APPLICATIO S I FOR ATIO
Figure 3. Normal Power-Down Sequence
Figure 2. Normal Power-Up Sequence
TIMER
During a power-up sequence, a 21
µA current source is
connected to the TIMER pin (Pin 4) and current limit faults
are ignored until the voltage ramps to within 1V of 12VIN
(Pin 1). This feature allows the chip to power up CPCI
boards with widely varying capacitive loads on the sup-
plies. The power-up time for any one of the four outputs is
given by Equation 2:
tXV
CXV
II
ON
OUT
LOAD XVOUT
OUT
LIMIT XVOUT
LOAD XVOUT
() =•


2
()
()
()
(2)
where XVOUT = 5VOUT, 3VOUT, 12VOUT or VEEOUT (–12V).
For example, for CLOAD(5VOUT) = 2000µF, ILIMIT(5VOUT) =
7A and ILOAD(5VOUT) = 5A, the 5VOUT turn-on time will be
~10ms. By substituting the variables in Equation 2 with the
appropriate values, the turn-on time for the other three
outputs can be calculated.
The timer period should be set longer than the maximum
supply turn-on time but short enough to not exceed the
maximum safe operating area of the pass transistor during
a short circuit. The timer period for the LTC1644 is given
by:
t
CV
A
TIMER
TIMER
=
µ
11
21
(3)
As a design aid, the timer period as a function of the timing
capacitor using standard values from 0.01
µF to 1µF is
shown in Table 2.
TIMER
10V/DIV
GATE
5V/DIV
12VOUT
10V/DIV
VEEOUT
10V/DIV
5VOUT
10V/DIV
3VOUT
10V/DIV
LOCAL_PCI_RST#
5V/DIV
BD_SEL#
5V/DIV
HEALTHY#
5V/DIV
PRECHARGE
5V/DIV
10ms/DIV
1644 F02
TIMER
10V/DIV
GATE
5V/DIV
12VOUT
10V/DIV
VEEOUT
10V/DIV
5VOUT
10V/DIV
3VOUT
10V/DIV
LOCAL_PCI_RST#
5V/DIV
BD_SEL#
5V/DIV
HEALTHY#
5V/DIV
PRECHARGE
5V/DIV
10ms/DIV
1644 F03



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com