Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1644IGN Datasheet(PDF) 14 Page - Linear Technology

Part # LTC1644IGN
Description  CompactPCI Bus Hot Swap Controller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1644IGN Datasheet(HTML) 14 Page - Linear Technology

Back Button LTC1644IGN Datasheet HTML 10Page - Linear Technology LTC1644IGN Datasheet HTML 11Page - Linear Technology LTC1644IGN Datasheet HTML 12Page - Linear Technology LTC1644IGN Datasheet HTML 13Page - Linear Technology LTC1644IGN Datasheet HTML 14Page - Linear Technology LTC1644IGN Datasheet HTML 15Page - Linear Technology LTC1644IGN Datasheet HTML 16Page - Linear Technology LTC1644IGN Datasheet HTML 17Page - Linear Technology LTC1644IGN Datasheet HTML 18Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 24 page
background image
LTC1644
14
1644f
APPLICATIO S I FOR ATIO
Table 2. tTIMER vs CTIMER
CTIMER
tTIMER
CTIMER
tTIMER
0.01
µF
5.24ms
0.22
µF
115ms
0.022
µF
11.5ms
0.33
µF
173ms
0.033
µF
17.3ms
0.47
µF
246ms
0.047
µF
24.6ms
0.68
µF
356ms
0.068
µF
35.6ms
0.82
µF
430ms
0.082
µF
43.0ms
1
µF
524ms
0.1
µF
52.4ms
The TIMER pin is immediately pulled low when the BD_SEL#
signal goes high.
Thermal Shutdown
The internal switches for the 12V and –12V supplies are
protected by an internal current limit and a thermal shut-
down circuit. When the temperature of the chip reaches
130
°C, all switches will be latched off and the FAULT pin
(Pin 6) will be pulled low.
Short-Circuit Protection
During a normal power-up sequence, if the TIMER (Pin 4)
is done ramping and any supply is still in current limit, all
of the pass transistors will be immediately turned off and
FAULT (Pin 6) will be pulled low as shown in Figure 4.
In order to prevent excessive power dissipation in the pass
transistors and to prevent voltage spikes on the supplies
during short-circuit conditions, the current limit on each
supply is designed to be a function of the output voltage.
As the output voltage drops, the current limit decreases.
Unlike a traditional circuit breaker function where large
currents can flow before the breaker trips, the current
foldback feature assures that the supply current will be
kept at a safe level. In addition, current foldback prevents
voltage glitches when powering up into a short.
If either the 12V or –12V supply exceeds current limit after
power up, the shorted supply’s current will drop immedi-
ately to its ILIMIT value. If that supply remains in current
limit for more that 45
µs, all of the supplies will be latched
off. The 45
µs delay prevents quick current spikes—for
example, from a fan turning on—from causing false trips
of the circuit breaker.
After power-up, the 5V and 3.3V supplies are protected
from overcurrent and short-circuit conditions by dual-
level circuit breakers. In the event that either supply
current exceeds the nominal limit but is less than 3 times
the current limit, an internal timer is started. If the supply
is still overcurrent after 45
µs, the circuit breaker trips and
all the supplies are turned off (Figure 5). If a short-circuit
occurs and the supply current exceeds 3 times the set
limit, the circuit breakers trip without any delay and the
chip latches off (Figure 6). The chip will stay in the latched
off state until OFF/ON (Pin 5) is cycled high then low or the
12VIN (Pin 1) power supply is cycled off then on.
The current limit and the foldback current level for the 5V
and 3.3V outputs are both a function of the external sense
resistor (R1 for 3VOUT and R2 for 5VOUT, see Figure 1). As
shown in Figure 1, a sense resistor is connected between
5VIN (Pin 13) and 5VSENSE (Pin 12) for the 5V supply. For
the 3V supply, a sense resistor is connected between 3VIN
(Pin 9) and 3VSENSE (Pin 10). The current limit and the
foldback current level are given by Equations 4 and 5:
I
mV
R
LIMIT XVOUT
SENSE XVOUT
()
()
=
51
(4)
I
mV
R
FOLDBACK XVOUT
SENSE XVOUT
()
()
=
12
(5)
where XVOUT = 5VOUT or 3VOUT.
As a design aid, the current limit and foldback level for
commonly used values for RSENSE is shown in Table 3.
Table 3. ILIMIT(XVOUT) and IFOLDBACK(XVOUT) vs RSENSE
RSENSE (Ω)ILIMIT(XVOUT)
IFOLDBACK(XVOUT)
0.005
10.2A
2.4A
0.006
8.5A
2.0A
0.007
7.3A
1.7A
0.008
6.4A
1.5A
0.009
5.7A
1.3A
0.01
5.1A
1.2A
where XVOUT = 3VOUT or 5VOUT.
The current limit for the internal 12V switch is set at
840mA folding back to 360mA and the –12V switch at
320mA folding back to 100mA.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com