Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1644IGN Datasheet(PDF) 16 Page - Linear Technology

Part # LTC1644IGN
Description  CompactPCI Bus Hot Swap Controller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1644IGN Datasheet(HTML) 16 Page - Linear Technology

Back Button LTC1644IGN Datasheet HTML 12Page - Linear Technology LTC1644IGN Datasheet HTML 13Page - Linear Technology LTC1644IGN Datasheet HTML 14Page - Linear Technology LTC1644IGN Datasheet HTML 15Page - Linear Technology LTC1644IGN Datasheet HTML 16Page - Linear Technology LTC1644IGN Datasheet HTML 17Page - Linear Technology LTC1644IGN Datasheet HTML 18Page - Linear Technology LTC1644IGN Datasheet HTML 19Page - Linear Technology LTC1644IGN Datasheet HTML 20Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 24 page
background image
LTC1644
16
1644f
APPLICATIO S I FOR ATIO
Calculating RSENSE
An equivalent circuit for one of the LTC1644’s circuit
breakers useful in calculating the value of the sense
resistor is shown in Figure 7. To determine the most
appropriate value for the sense resistor first requires the
maximum current required by the load under worst-case
conditions.
14
LTC1644*
1644 F07
*ADDITIONAL DETAILS OMITTED FOR CLARITY
VCB(MAX) = 70mV
VCB(NOM) = 55mV
VCB(MIN) = 40mV
13
5VSENSE
5VIN
RSENSE
ILOAD(MAX)
5VIN
VCB +
–
Two other parameters affect the value of the sense resis-
tor. First is the tolerance of the LTC1644’s circuit breaker
threshold. The LTC1644’s nominal circuit breaker thresh-
old is VCB(NOM) = 55mV; however, it exhibits ±15mV
tolerance over process and temperature. Second is the
tolerance (RTOL) in the sense resistor. Sense resistors are
available in RTOLs of
±1%, ±2% and ±5% and exhibit
temperature coefficients of resistance (TCRs) between
±75ppm/°C and ±100ppm/°C. How the sense resistor
changes as a function of temperature depends on the I2R
power being dissipated by it. The power rating of the sense
resistor should accommodate steady-state fault current
levels so that the component is not damaged before the
circuit breaker trips.
The first step in calculating the value of RSENSE is based on
ILOAD(MAX) and the lower limit for the circuit breaker
threshold, VCB(MIN). The maximum value for RSENSE in this
case is expressed by Equation 6:
R
V
I
SENSE
CB MIN
LOAD MAX
=
()
()
(6)
Figure 7. Circuit Breaker Equivalent
Circuit for Calculating RSENSE
The second step is to determine the nominal value of
the sense resistor which is dependent on its tolerance
(RTOL =
±1%, ±2%, or ±5%) and standard sense resistor
values. Equation 7 can be used to calculate the nominal
value from the maximum value found by Equation 6:
R
R
RTOL
SENSE N M
SENSE MAX
()
()
0
1
100
=
+ 


(7)
Often, the result of Equation 7 may not yield a standard
sense resistor value. In this case, two sense resistors with
the same RTOL can be connected in parallel to yield
RSENSE(NOM).
The last step requires calculating a new value for ITRIP(MAX)
(ITRIP(MAX,NEW)) based on a minimum value for RSENSE
(RSENSE(MIN)) and the upper limit for the circuit breaker
threshold, VCB(MAX). The new value for ITRIP(MAX,NEW) is
given by Equation 8:
I
V
R
TRIP MAX NEW
CB MAX
SENSE MIN
(,
)
()
()
=
(8)
where R
R
RTOL
SENSE MIN
SENSE NOM
()
(
)
=• − 


1
100
Table 4 lists ITRIP(MIN) and ITRIP(MAX) versus some sug-
gested values of RSENSE. Table 8 lists manufacturers and
part numbers for these resistor values.
Table 4. ITRIP vs RSENSE Table
RSENSE (1% RTOL)
ITRIP(MIN)
ITRIP(MAX)
0.005
Ω
7.92A
14.14A
0.007
Ω
5.66A
10.10A
0.011
Ω
3.60A
6.43A
0.028
Ω
1.41A
2.53A
0.055
Ω
0.72A
1.29A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com