Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1644IGN Datasheet(PDF) 12 Page - Linear Technology

Part # LTC1644IGN
Description  CompactPCI Bus Hot Swap Controller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1644IGN Datasheet(HTML) 12 Page - Linear Technology

Back Button LTC1644IGN Datasheet HTML 8Page - Linear Technology LTC1644IGN Datasheet HTML 9Page - Linear Technology LTC1644IGN Datasheet HTML 10Page - Linear Technology LTC1644IGN Datasheet HTML 11Page - Linear Technology LTC1644IGN Datasheet HTML 12Page - Linear Technology LTC1644IGN Datasheet HTML 13Page - Linear Technology LTC1644IGN Datasheet HTML 14Page - Linear Technology LTC1644IGN Datasheet HTML 15Page - Linear Technology LTC1644IGN Datasheet HTML 16Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 24 page
background image
LTC1644
12
1644f
Power-Up Sequence
The LTC1644 is specifically designed for live insertion and
removal of CPCI boards. The typical application is shown
in Figure 1. The 3.3V, 5V, 12V and –12V inputs to the
LTC1644 come from the medium length power pins. The
long 5V and 3.3V connector pins are connected through
decoupling resistors to the medium length 5V and 3.3V
connector pins on the CPCI plug-in card and provide early
power for the LTC1644’s precharge circuit, pull-up resis-
tors and the PCI bridge chip. The BD_SEL# signal is
connected to the OFF/ON pin while the PWRGD pin is
connected to the HEALTHY# signal. The HEALTHY# signal
is combined with the PCI_RST# signal on-chip to generate
the LOCAL_PCI_RST# signal which is available at the
RESETOUT pin.
The power supplies are controlled by placing external
N-channel pass transistors in the 3.3V and 5V power paths
and internal pass transistors for the 12V and –12V power
paths (Figure 1).
Resistors R1 and R2 provide current fault detection and
R5 and C1 provide current control loop compensation.
Resistors R3 and R4 prevent high frequency oscillations
in Q1 and Q2. Shunt RC snubbers R15-C4 and R16-C5 and
zener diodes Z1 and Z2 prevent the 12VIN and VEEIN pins,
respectively, from ringing beyond the absolute maximum
rated supply voltages during hot insertion.
When the CPCI card is inserted, the long 5V and 3.3V
connector pins and GND pins make contact first. The
LTC1644’s precharge circuit biases the bus I/O pins to 1V
during this stage of the insertion (Figure 2). The 12V, –12V
and 5V and 3.3V medium length pins make contact during
the next stage of insertion. At this point the LTC1644
powers on but slot power is disabled as long as the OFF/ON
pin is pulled high by the 1.2k pull-up resistor to 5VIN.
During the final stage of board insertion, the BD_SEL#
short connector pin makes contact and the OFF/ON pin can
APPLICATIO S I FOR ATIO
be pulled low. This enables the pass transistors to turn on
and a 21
µA current source is connected to TIMER (Pin 4).
The current in each pass transistor increases until it
reaches the current limit for each supply. The 5V and 3.3V
supplies are then allowed to power up based on one of the
following rates:
Power-up rate:
(1)
dV
dt
A
C
or
I
C
or
I
C
LIMIT V
LOAD VOUT
LIMIT V
LOAD VOUT
= µ
==
65
1
5
5
3
3
,,
()
()
()
()
whichever is slower.
Current limit faults are ignored while the TIMER pin
voltage is ramping up and is less than 1V below 12VIN (Pin
1). Once all four supply voltages are within tolerance,
HEALTHY# (Pin 7) will pull low and LOCAL_PCI_RST# is
free to follow PCI_RST#.
Power-Down Sequence
When the BD_SEL# is pulled high, a power-down
sequence begins (Figure 3).
Internal switches are connected to each of the output
supply voltage pins to discharge the bypass capacitors to
ground. The TIMER pin is immediately pulled low. The
GATE pin (Pin 15) is pulled down by a 225
µA current
source to prevent the load currents on the 3.3V and 5V
supplies from going to zero instantaneously and glitching
the power supply voltages. When any of the output volt-
ages dips below its threshold, the HEALTHY# signal pulls
high and LOCAL_PCI_RST# will be asserted low.
Once the power-down sequence is complete, the CPCI
card may be removed from the slot. During extraction, the
precharge circuit will continue to bias the bus I/O pins at
1V until the 5V and 3.3V long connector pin connections
are broken.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com