Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1644IGN Datasheet(PDF) 4 Page - Linear Technology

Part # LTC1644IGN
Description  CompactPCI Bus Hot Swap Controller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1644IGN Datasheet(HTML) 4 Page - Linear Technology

  LTC1644IGN Datasheet HTML 1Page - Linear Technology LTC1644IGN Datasheet HTML 2Page - Linear Technology LTC1644IGN Datasheet HTML 3Page - Linear Technology LTC1644IGN Datasheet HTML 4Page - Linear Technology LTC1644IGN Datasheet HTML 5Page - Linear Technology LTC1644IGN Datasheet HTML 6Page - Linear Technology LTC1644IGN Datasheet HTML 7Page - Linear Technology LTC1644IGN Datasheet HTML 8Page - Linear Technology LTC1644IGN Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
LTC1644
4
1644f
TYPICAL PERFOR A CE CHARACTERISTICS
3.3V and 5V Current Foldback
Profile
12V Output Current
– 12V Output Current
OUTPUT VOLTAGE (V)
012345
1644 G01
11
10
9
8
7
6
5
4
3
2
1
0
3VOUT
5VOUT
TA = 25°C
RSENSE = 0.005Ω
OUTPUT VOLTAGE (V)
02468
10
12
1644 G02
1.0
0.9
0.8
0.7
0.6
0.5
0.4
0.3
0.2
0.1
0
TA = 25°C
12VIN = 12V
OUTPUT VOLTAGE (V)
0
–2–4–6–8
–10
–12
1644 G03
0.40
0.35
0.30
0.25
0.20
0.15
0.10
0.05
0
TA = 25°C
VEEIN = –12V
12VIN Supply Current
vs Temperature
12VIN Undervoltage Lockout
vs Temperature
5VIN UVLO Threshold Voltage
vs Temperature
TEMPERATURE (
°C)
–50
3.2
3.1
3.0
2.9
2.8
25
75
1644 G04
–25
0
50
100
TEMPERATURE (
°C)
–50
8.20
8.40
–25
0
25
50
1644 G05
75
8.45
8.50
8.25
8.30
8.35
100
RAMPING
UP
RAMPING
DOWN
TEMPERATURE (
°C)
–50
2.49
2.50
2.51
25
75
1644 G06
2.48
2.47
2.46
–25
0
50
2.52
2.53
2.54
2.55
100
RAMPING
UP
RAMPING
DOWN
3VIN UVLO Threshold Voltage
vs Temperature
5V Foldback Current Limit Voltage
vs Temperature
3V Foldback Current Limit Voltage
vs Temperature
TEMPERATURE (
°C)
–50
2.47
2.48
2.50
2.51
2.52
50
2.56
1644 G07
2.49
0
–25
75
25
100
2.53
2.54
2.55
RAMPING
UP
RAMPING
DOWN
TEMPERATURE (
°C)
–50
0
10
20
30
40
60
–25
025
50
1644 G08
75
100
50
TIMER = 0V
5VOUT = 3V
5VOUT = 0V
TEMPERATURE (
°C)
–50
0
10
20
30
40
60
–25
025
50
1644 G09
75
100
50
TIMER = 0V
3VOUT = 2V
3VOUT = 0V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com