Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1644IGN Datasheet(PDF) 20 Page - Linear Technology

Part # LTC1644IGN
Description  CompactPCI Bus Hot Swap Controller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1644IGN Datasheet(HTML) 20 Page - Linear Technology

Back Button LTC1644IGN Datasheet HTML 16Page - Linear Technology LTC1644IGN Datasheet HTML 17Page - Linear Technology LTC1644IGN Datasheet HTML 18Page - Linear Technology LTC1644IGN Datasheet HTML 19Page - Linear Technology LTC1644IGN Datasheet HTML 20Page - Linear Technology LTC1644IGN Datasheet HTML 21Page - Linear Technology LTC1644IGN Datasheet HTML 22Page - Linear Technology LTC1644IGN Datasheet HTML 23Page - Linear Technology LTC1644IGN Datasheet HTML 24Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 20 / 24 page
background image
LTC1644
20
1644f
C1
0.047
µF
GND
5VIN
5VIN
D1
5VSENSE
13
5VOUT
3
3VIN
LTC1644*
17
3VOUT
18
3VSENSE
16
14
GATE
15
8
R4
10
5VOUT
1644 F13
R5
1k
R2
0.007
Q2
IRF7413
D2
NC
Z4
D1, D2: BAV99
Z4: 1PMT5.0AT3
*ADDITIONAL PINS OMITTED FOR CLARITY
PCB EDGE
BACKPLANE
CONNECTOR
BACKPLANE
CONNECTOR
5V
LONG 5V
GROUND
R22 2.74
C6
0.01
µF
C9 0.1
µF
PER 10
POWER PINS
Figure 13. No 3.3V Supply Application Circuit
APPLICATIO S I FOR ATIO
Figure 14. BD_SEL# Pushbutton Toggle Switch
GND
LTC1644*
8
1.2k
PUSHBUTTON
SWITICH
100
5VIN
1k
GROUND
OFF/ON
5
BD_SEL#
1644 F14
*ADDITIONAL PINS OMITTED FOR CLARITY
PCB EDGE
BACKPLANE
CONNECTOR
BACKPLANE
CONNECTOR
restricts the choice of power MOSFETs to those devices
with very low RDS(ON). Table 9 lists some power MOSFETs
that can be used with the LTC1644.
Power MOSFETs are classified into two categories: stan-
dard MOSFETs (RDS(ON) specified at VGS = 10V) and logic-
level MOSFETs (RDS(ON) specified at VGS = 5V). Since
external pass transistors are required for the 3.3V and 5V
supply rails, logic-level power MOSFETs should be used
with the LTC1644.
Overvoltage Transient Protection
Good engineering practice calls for bypassing the supply
rail of any analog circuit. Bypass capacitors are often
placed at the supply connection of every active device, in
addition to one or more large-value bulk bypass capacitors
per supply rail. If power is connected abruptly, the large
bypass capacitors slow the rate of rise of the supply
voltage and heavily damp any parasitic resonance of lead
or PC track inductance working against the supply bypass
capacitors.
The opposite is true for LTC1644 Hot Swap circuits
mounted on plug-in cards. In most cases, there is no
supply bypass capacitor present on the powered 12V
(12VIN), –12V (VEEIN) of the PCB edge connector or on the
3.3V (3VIN) or the 5V (5VIN) side of the MOSFET switch. An
abrupt connection, produced by inserting the board into a
backplane connector, results in a fast rising edge applied
on these input supply lines of the LTC1644.
Since there is no bulk capacitance to damp the parasitic
track inductance, supply voltage transients excite para-
sitic resonant circuits formed by the power MOSFET
capacitance and the combined parasitic inductance from
the wiring harness, the backplane and the circuit board
traces. These ringing transients appear as a fast edge on
the input supply lines, exhibiting a peak overshoot up to
2.5 times the steady-state value followed by a damped



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com