Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1644IGN Datasheet(PDF) 18 Page - Linear Technology

Part # LTC1644IGN
Description  CompactPCI Bus Hot Swap Controller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1644IGN Datasheet(HTML) 18 Page - Linear Technology

Back Button LTC1644IGN Datasheet HTML 14Page - Linear Technology LTC1644IGN Datasheet HTML 15Page - Linear Technology LTC1644IGN Datasheet HTML 16Page - Linear Technology LTC1644IGN Datasheet HTML 17Page - Linear Technology LTC1644IGN Datasheet HTML 18Page - Linear Technology LTC1644IGN Datasheet HTML 19Page - Linear Technology LTC1644IGN Datasheet HTML 20Page - Linear Technology LTC1644IGN Datasheet HTML 21Page - Linear Technology LTC1644IGN Datasheet HTML 22Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 24 page
background image
LTC1644
18
1644f
APPLICATIO S I FOR ATIO
OFF/ON
5VIN
5VIN
5
13
LTC1644*
1644 F10
R13
10
Ω 5%
R14
10
Ω 5%
I/O
I/O
PCI
BRIDGE
CHIP
UP TO 128 I/O LINES
DATA BUS
3VIN
GND
PRECHARGE
12
DRIVE
11
Q1
MMBT2222A
8
R11
10k
5%
R12
10k
5%
PRECHARGE OUT
1V
±10%
IOUT = ±55mA
R10
18
Ω 5%
Q2
MMBT3906
R24
75k
5%
R19
1k 5%
R20
1.2k
5%
R22 2.74
R23
51k 5%
R8
1k 5%
R7
12
Ω 5%
C3 4.7nF
R9
24
Z4: 1PMT5.0AT3
*ADDITIONAL PINS OMITTED FOR CLARITY
PCB EDGE
BACKPLANE
CONNECTOR
BACKPLANE
CONNECTOR
5V
LONG 5V
BD_SEL#
GROUND
I/O PIN 1
I/O PIN 128
Z4
C7
0.01
µF
C9 0.1
µF
PER 10
POWER PINS
BUS SWITCH
OE
Figure 10. Precharge Circuit with Bus Switch
MMBT2222A
C3 4.7nF
R9
18
R10A
R10B
R8
1k
R7
12
3VIN
PRECHARGE OUT
1644 F08
GND
PRECHARGE DRIVE
LTC1644*
812
11
*ADDITIONAL DETAILS OMITTED FOR CLARITY
VPRECHARGE =
• 1V
R10A
R10A + R10B
Figure 8. Precharge Voltage <1V Application Circuit
Figure 9. Precharge Voltage >1V Application Circuit
MMBT2222A
C3 4.7nF
R9
18
R10A
R10B
R8
1k
R7
12
3VIN
PRECHARGE OUT
1644 F09
GND
PRECHARGE
DRIVE
LTC1644*
812
11
*ADDITIONAL DETAILS OMITTED FOR CLARITY
VPRECHARGE =
• 1V
R10A + R10B
R10A
(3) the gate-source (VGS) voltage drive for the specified
RDS(ON). Power MOSFET power dissipation is dependent
on four parameters: current delivered to the load, ILOAD;
device RDS(ON); device thermal resistance, junction-to-
ambient,
θJA; and the maximum ambient temperature to
which the circuit will be exposed, TA(MAX). All four of these
parameters determine the junction temperature of the
MOSFET. For reliable circuit operation, the maximum
junction temperature (TJ(MAX))forapowerMOSFETshould
not exceed the manufacturer’s recommended value. For a
given set of conditions, the junction temperature of a
power MOSFET is given by Equation 9:
MOSFET Junction Temperature,
(9)
TJ(MAX) ≤ TA(MAX) + θJA • PD
where PD = ILOAD • RDS(ON)
PCB layout techniques for optimal thermal management
of power MOSFET power dissipation help to keep device
θJA as low as possible. See PCB Layout Considerations
section for more information.
The RDS(ON) of the external pass transistor should be low
to make its drain-source voltage (VDS) a small percentage
of 3VIN or 5VIN. For example, at 3VIN = 3.3V, VDS + VCB =
0.1V yields a 3% error at maximum load current. This



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com