Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CW-1/2 Datasheet(PDF) 16 Page - International Rectifier

Part # CW-1/2
Description  IRPLLNR5 Wide Range Input Linear Fluorescent Ballast
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

CW-1/2 Datasheet(HTML) 16 Page - International Rectifier

Back Button CW-1/2 Datasheet HTML 12Page - International Rectifier CW-1/2 Datasheet HTML 13Page - International Rectifier CW-1/2 Datasheet HTML 14Page - International Rectifier CW-1/2 Datasheet HTML 15Page - International Rectifier CW-1/2 Datasheet HTML 16Page - International Rectifier CW-1/2 Datasheet HTML 17Page - International Rectifier CW-1/2 Datasheet HTML 18Page - International Rectifier CW-1/2 Datasheet HTML 19Page - International Rectifier CW-1/2 Datasheet HTML 20Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 21 page
background image
16
RD-0613
www.irf.com
The Run Mode frequency (Figure 11) is that at which the lamp is driven to the lamp manufacturer’s
recommended lamp power rating. The running frequency of the lamp resonant output stage for selected
component values is defined as,
f
LC
P
CV
LC
P
CV
V
V
LC
run
Lamp
Lamp
Lamp
Lamp
DCbus
Lamp
=− ⎛
⎝⎜
⎞
⎠⎟
+− ⎛
⎝⎜
⎞
⎠⎟
⎡
⎣
⎢
⎢
⎤
⎦
⎥
⎥
−
− ⎛
⎝⎜
⎞
⎠⎟
1
2
1
2
1
24
1
2
2
2
2
2
2
2
22
π
π
where,
L
= Lamp resonant circuit inductor (LRES)
(H)
C
= Lamp resonant circuit capacitor (CRES) (F)
PLamp
= Lamp running power
(W)
VLamp
= Lamp running voltage amplitude
(V)
Fig. 11: Half-Bridge Mid-Point Voltage (VS Pin) During Run Mode
Normal Power Down
A normal power down occurs when the AC line voltage is disconnected from the ballast. When this
occurs, the voltage on the VBUS pin of the IRS2168D drops below the VBUS pin under-voltage reset
threshold of 3 V. This will cause VCC to be discharged internally to UVLO- (10.5 V). The IC enters



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com