Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CW-1/2 Datasheet(PDF) 18 Page - International Rectifier

Part # CW-1/2
Description  IRPLLNR5 Wide Range Input Linear Fluorescent Ballast
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

CW-1/2 Datasheet(HTML) 18 Page - International Rectifier

Back Button CW-1/2 Datasheet HTML 13Page - International Rectifier CW-1/2 Datasheet HTML 14Page - International Rectifier CW-1/2 Datasheet HTML 15Page - International Rectifier CW-1/2 Datasheet HTML 16Page - International Rectifier CW-1/2 Datasheet HTML 17Page - International Rectifier CW-1/2 Datasheet HTML 18Page - International Rectifier CW-1/2 Datasheet HTML 19Page - International Rectifier CW-1/2 Datasheet HTML 20Page - International Rectifier CW-1/2 Datasheet HTML 21Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 18 / 21 page
background image
18
RD-0613
www.irf.com
If at any time during Preheat Mode or Run Mode the voltage across resistor RCS rises above the over-
current threshold (1.25 V) for 65 events, the PFC and half-bridge MOSFETs, (MPFC, MHS and MLS)
are turned off and the ballast goes into Fault Mode. During the Ignition Mode, the over-current is
disabled and the ignition regulation feature limits the maximum current flowing in the resonant tank
and half-bridge. An over-current condition can occur if the lamp fails to ignite or the lamp is broken
(an open circuit cathode or broken lamp). If a cathode is broken (open circuit), the half-bridge output
hard-switches. Each time the low-side MOSFET (MLS) is turned on, a large current pulse occurs and
thus a large voltage pulse occurs across resistor RCS signaling a fault. The ballast will remain in Fault
Mode until the AC line voltage is reset or a lamp replacement is performed.
During an end-of-life lamp fault condition, the lamp voltage can increase or decrease asymmetrically.
The resulting excessive voltage across the lamp filaments can cause the lamp ends to reach temperatures
high enough to melt the tube glass. The lamp can then fall out of the fixture and cause harm or damage.
To protect against this condition, resistors REOL1, REOL2, REOL3, REOL4, and zener diodes DEOL1
and DEOL2, are used for end-of-life protection. The end-of-life window comparator at the SD/EOL pin
is enabled in Run Mode. If the voltage on SD/EOL pin falls outside the range of the internal 1 V – 3 V
window comparator, the IC will enter Fault Mode. The SD/EOL pin is internally biased at 2 V with an
internal +/-10 µA OTA. The value of REOL4, DEOL1 and DEOL2 are selected such that the SD/EOL
pin remains at 2 V during normal operation, but increases above 3 V or decreases below 1 V during an
end-of-life fault condition. The lamp voltage end-of-life threshold can be adjusted by changing the value
of resistor REOL4 and/or zener diodes DEOL1 and DEOL2. A threshold of 30% higher than the
nominal running lamp voltage is typical.
PFC Control Section
The IRS2168D contains control circuitry for driving a boost-type power factor correction (PFC) circuit.
This is necessary for producing sinusoidal input current at the mains input that is “in phase” with the
mains voltage and contains minimal total harmonic distortion (THD). It is also convenient to use the
boost converter to regulate the DC bus voltage to a constant DC level. The PFC control is achieved
using five control pins. The DC bus voltage is sensed with a resistor divider at the VBUS pin. The loop
compensation speed is programmed with an external capacitor at the COMP pin. The cycle-by-cycle
zero-crossing of the boost inductor current is detected at the ZX pin. The gate drive for the boost
MOSFET is provided by the PFC pin. The cycle-by-cycle over-current protection is performed by the
OC pin. The following waveforms show the operation of the PFC at 120 VAC (Figure 13) and 290 V
AC (Figure 14) input line conditions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com