Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CW-1/2 Datasheet(PDF) 12 Page - International Rectifier

Part # CW-1/2
Description  IRPLLNR5 Wide Range Input Linear Fluorescent Ballast
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

CW-1/2 Datasheet(HTML) 12 Page - International Rectifier

Back Button CW-1/2 Datasheet HTML 8Page - International Rectifier CW-1/2 Datasheet HTML 9Page - International Rectifier CW-1/2 Datasheet HTML 10Page - International Rectifier CW-1/2 Datasheet HTML 11Page - International Rectifier CW-1/2 Datasheet HTML 12Page - International Rectifier CW-1/2 Datasheet HTML 13Page - International Rectifier CW-1/2 Datasheet HTML 14Page - International Rectifier CW-1/2 Datasheet HTML 15Page - International Rectifier CW-1/2 Datasheet HTML 16Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 21 page
background image
12
RD-0613
www.irf.com
large value, low-wattage startup resistor (RSUPPLY). When the voltage on the IRS2168D reaches the
rising under-voltage lockout threshold (12.5 V), the gate driver oscillator is enabled (this assumes that
there are no fault conditions) and drives the half-bridge output MOSFETs (MHS and MLS). When the
half-bridge is oscillating, capacitor CSNUB, diodes DCP1 and DCP2 form a snubber/charge pump
circuit which limits the rise and fall time at the half-bridge output and also supplies the current to charge
capacitor CVCC2 to the VCC clamp voltage (approx. 15.6 V). When the rising under-voltage lockout
threshold of the IRS2168D is reached, the power factor control output also starts to oscillate and drives
MOSFET MPFC to boost and regulate the bus voltage to 500 V DC.
Preheat Mode
When the ballast reaches the end of the UVLO mode, the Preheat Mode is entered. At this point, the
ballast control oscillator of the IRS2168D has begun to operate and the half-bridge output is driving
the resonant load (lamp) circuit.
There is an initial startup frequency that is higher than the preheat frequency that lasts for only a short
duration. This is done to ensure that the initial voltage appearing across the lamp at the startup of
oscillation does not exceed the minimum lamp ignition voltage. If, at the initiation of oscillation of the
half-bridge, the voltage across the lamp is large enough, a visible undesired flash of the lamp can occur.
This in effect is a cold strike of the lamp and can shorten the life of the lamp.
The ballast control section oscillator of the IRS2168D consists of an internal timing capacitor and an
external timing resistor (RFMIN). Resistors RFMIN and RPH program a current that determines the
ramp up time of the internal timing capacitor. The preheat frequency is determined by the equivalent
resistance formed by the parallel combination of RFMIN and RPH. The preheat frequency is selected
such that the voltage appearing across the lamp is below the minimum lamp ignition voltage while
supplying enough current to preheat the lamp filaments to their correct emission temperature within the
Preheat Mode time period. The preheating of the lamp filaments is performed using voltage mode
heating that consists of a constant voltage across the lamp filaments. The waveform in Figure 7 shows
the CPH voltage and lamp voltage during normal Preheat, Ignition, and Run Modes. Figure 8 shows the
half-bridge voltage (VS pin) during Preheat Mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com