Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CW-1/2 Datasheet(PDF) 7 Page - International Rectifier

Part # CW-1/2
Description  IRPLLNR5 Wide Range Input Linear Fluorescent Ballast
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

CW-1/2 Datasheet(HTML) 7 Page - International Rectifier

Back Button CW-1/2 Datasheet HTML 3Page - International Rectifier CW-1/2 Datasheet HTML 4Page - International Rectifier CW-1/2 Datasheet HTML 5Page - International Rectifier CW-1/2 Datasheet HTML 6Page - International Rectifier CW-1/2 Datasheet HTML 7Page - International Rectifier CW-1/2 Datasheet HTML 8Page - International Rectifier CW-1/2 Datasheet HTML 9Page - International Rectifier CW-1/2 Datasheet HTML 10Page - International Rectifier CW-1/2 Datasheet HTML 11Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
7
RD-0613
www.irf.com
Board Fabrication
1) Board size:
L = 8.59 inch, W = 1.195 inch
2) No. of copper layers:
1 (bottom layer)
3) Copper:
2 oz.
4) Board material:
FR-4
5) Through hole plating:
No
6) Solder plating on pads:
Yes
7) Solder mask:
Green LP1 (bottom layer only)
8) Silk screen layers:
Top and bottom
9) Silk screen ink:
White epoxy, non-conductive
10) Gerber file:
IRPLLNR5.ZIP
11) Gerber file description:
a) IRPLLNR5.apr
Apertures
b) IRPLLNR5.DRL
NC drill
c) IRPLLNR5.DRR
NC drill
d) IRPLLNR5.GBL
Bottom layer
e) IRPLLNR5.GBO
Silk screen bottom
f)
IRPLLNR5.GBS
Solder mask bottom
g) IRPLLNR5.GD1
Drill drawing
h) IRPLLNR5.GG1
Drill guide
i)
IRPLLNR5.GM1
Mechanical layer
j)
IRPLLNR5.GTO
Silk-screen top



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com