Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CW-1/2 Datasheet(PDF) 2 Page - International Rectifier

Part # CW-1/2
Description  IRPLLNR5 Wide Range Input Linear Fluorescent Ballast
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

CW-1/2 Datasheet(HTML) 2 Page - International Rectifier

  CW-1/2 Datasheet HTML 1Page - International Rectifier CW-1/2 Datasheet HTML 2Page - International Rectifier CW-1/2 Datasheet HTML 3Page - International Rectifier CW-1/2 Datasheet HTML 4Page - International Rectifier CW-1/2 Datasheet HTML 5Page - International Rectifier CW-1/2 Datasheet HTML 6Page - International Rectifier CW-1/2 Datasheet HTML 7Page - International Rectifier CW-1/2 Datasheet HTML 8Page - International Rectifier CW-1/2 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
2
RD-0613
www.irf.com
1. Features
•
Drives 1 x 54 W TL5 Lamp
•
Input Voltage: 90-305 VAC
•
High Power Factor/Low Total Harmonic Distortion
•
High Frequency Operation
•
Lamp Filament Preheating
•
Lamp Fault Protection with Auto-Restart After Lamp Replacement
•
Low AC Line Protection
•
Lamp End-of-Life Shutdown
•
IRS2168D HVIC Ballast Controller
2. Description
The IRPLLNR5 reference design is a high efficiency, high power factor, fixed output, electronic
ballast designed for driving rapid-start fluorescent lamp types. The design contains an EMI filter,
active power factor correction, and a ballast control circuit using the IRS2168D(S)PbF Ballast Control
IC. This reference design is intended to ease the evaluation of the IRS2168D, demonstrate PCB layout
techniques, and serve as an aid in the development of a production-ready ballast using the IRS2168D.
Line
Input
UVLO
PFC Control
Half-Bridge Driver
Lamp Fault
Lamp
EMI Filter
Rectifier
Boost PFC
Output Stage
Control IC
Fig. 1: Ballast Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com