Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CW-1/2 Datasheet(PDF) 3 Page - International Rectifier

Part # CW-1/2
Description  IRPLLNR5 Wide Range Input Linear Fluorescent Ballast
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

CW-1/2 Datasheet(HTML) 3 Page - International Rectifier

  CW-1/2 Datasheet HTML 1Page - International Rectifier CW-1/2 Datasheet HTML 2Page - International Rectifier CW-1/2 Datasheet HTML 3Page - International Rectifier CW-1/2 Datasheet HTML 4Page - International Rectifier CW-1/2 Datasheet HTML 5Page - International Rectifier CW-1/2 Datasheet HTML 6Page - International Rectifier CW-1/2 Datasheet HTML 7Page - International Rectifier CW-1/2 Datasheet HTML 8Page - International Rectifier CW-1/2 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
3
RD-0613
www.irf.com
3. Electrical Characteristics
Parameter
Units
Value
Lamp Type
54 W TL5
Input Power
[W]
54
Lamp Running Voltage
[Vpp]
400
Run Mode Frequency
[kHz]
50
Preheat Mode Frequency
[kHz]
85
Preheat Time
[s]
1.0
Lamp Preheat Voltage
[Vpp]
500
Lamp Ignition Voltage
[kVpp]
2.0
Input AC Voltage Range
[VAC]
90-305 VAC
Power Factor
0.995 at 120 VAC
0.98 at 220 VAC
Total Harmonic Distortion
[%]
10 at 120 VAC
14 at 220 VAC
Table 3.1: Ballast Parameters
Vin
Pin (W)
PF
THD (%) DCBUS (V)
90
55.5
0.997
9.15
495
110
52.8
0.996
9.85
495
130
51.8
0.994
11
495
150
51.1
0.992
11.25
495
170
50.8
0.99
12.2
495
190
50.7
0.987
12.8
495
210
50.6
0.983
13.9
495
230
50.5
0.978
14.9
495
250
50.5
0.972
16.1
495
270
50.5
0.964
17.7
495
Table 3.2: PFC Data



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com