Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CW-1/2 Datasheet(PDF) 9 Page - International Rectifier

Part # CW-1/2
Description  IRPLLNR5 Wide Range Input Linear Fluorescent Ballast
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

CW-1/2 Datasheet(HTML) 9 Page - International Rectifier

Back Button CW-1/2 Datasheet HTML 5Page - International Rectifier CW-1/2 Datasheet HTML 6Page - International Rectifier CW-1/2 Datasheet HTML 7Page - International Rectifier CW-1/2 Datasheet HTML 8Page - International Rectifier CW-1/2 Datasheet HTML 9Page - International Rectifier CW-1/2 Datasheet HTML 10Page - International Rectifier CW-1/2 Datasheet HTML 11Page - International Rectifier CW-1/2 Datasheet HTML 12Page - International Rectifier CW-1/2 Datasheet HTML 13Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 21 page
background image
9
RD-0613
www.irf.com
Note 1: Different lamp types require different frequency programming components.
Note 2: CEOL and CSD values can be increased up to 470 nF to increase noise immunity.
Note 3: REOL4 value can be increased to 33 kΩ for a more sensitive lamp end-of-life detection
HORIZONTAL
INDUCTOR SPECIFICATION
CORE SIZE
CORE MATERIAL
GAP LENGTH
Fi 324 or equivalent
WINDING
START PIN
FINISH PIN
TURNS
WIRE DIAMETER (mm)
MAIN
ZX
PHYSICAL LAYOUT
TEST
MAIN WINDING INDUCTANCE INDUCTANCE TOLERANCES: +/- 5%
mm
PART NO.: IL 060 320 41 02 REF DES:LPFC
(TEST FREQUENCY = 50kHz)
NOMINAL INDUCTANCE
MAXIMUM CURRENT
MAXIMUM CORE TEMPERATURE
mH
Apk
ºC
115
NOTE : Inductor must not saturate at maximum current and maximum core temperature at
given test frequency
ELECTRICAL
LAYOUT
BOBBIN
PINS
EVD25
3.5
8
2
2.5
17
TBD
35
26
4 strands of AWG 32
AWG 32
5mm
5mm
20.05mm
25mm
TOP VIEW
1
2
3
4
8
7
6
5
MAIN WINDING INDUCTANCE INDUCTANCE RESISTANCE MAX 3.2 OHM
Fig. 5: Power Factor Inductor Specification



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com