Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CW-1/2 Datasheet(PDF) 8 Page - International Rectifier

Part # CW-1/2
Description  IRPLLNR5 Wide Range Input Linear Fluorescent Ballast
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

CW-1/2 Datasheet(HTML) 8 Page - International Rectifier

Back Button CW-1/2 Datasheet HTML 4Page - International Rectifier CW-1/2 Datasheet HTML 5Page - International Rectifier CW-1/2 Datasheet HTML 6Page - International Rectifier CW-1/2 Datasheet HTML 7Page - International Rectifier CW-1/2 Datasheet HTML 8Page - International Rectifier CW-1/2 Datasheet HTML 9Page - International Rectifier CW-1/2 Datasheet HTML 10Page - International Rectifier CW-1/2 Datasheet HTML 11Page - International Rectifier CW-1/2 Datasheet HTML 12Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 21 page
background image
8
RD-0613
www.irf.com
7. Bill of Material and Inductor Specification
Item
Qty
Manufacturer
Part Number
Description
Reference
1
1
Diodes Inc.
DF10S
Bridge Rectifier, 1 A, 1000 V
BR1
2
1
Roederstein
WKP222MCPEJ0K
Capacitor, 2.2 nF, 305 VAC Y Cap
CY
3
1
Dale
CW-1/2
Resistor, 0.5 Ω, 1/2 W
F1
4
1
Roederstein
F1772433-2200
Capacitor, 0.33 µF, 275 VAC
C1
5
1
Panasonic
ELF-15N007A
EMI Inductor, 10 mH, 0.7 A peak
L1
6
1
Vishay Dale
MKP1841410634
Capacitor, 0.1 µF, 630 VDC
C2
7
1
Wima
MKP10-.1/400/10
Capacitor, 0.1 µF, 400 VDC
CDC
8
1
Panasonic
ERZ-V05D471
Transient Suppressor
RV1
9
1
VOGT
IL 060 320 41 02
PFC Inductor, 2 mH, 2.5 A peak
LPFC
10
2
Panasonic
EEU-EB2V330S
Capacitor, 33 µF, 350 VDC, 105 °C
CBUS1, CBUS2
11
2
Panasonic
ECJ-3VB1E104K
Capacitor, 0.1 µF, SMT 1206
CBS, CVCC
12
2
Panasonic
ECU-V1H102JCH
Capacitor, 1 nF, SMT 1206
CSD, CEOL (see Note 2)
13
3
Panasonic
ECJ-3YB1E105K
Capacitor, 1 µF, SMT 1206
CCOMP, CPH, CVCO
14
1
Panasonic
ECU-V1H103KBM
Capacitor, 0.01 µF, SMT 1206
CVBUS
15
1
Panasonic
ECJ-3VB1E334K
Capacitor, 0.33 µF, SMT 1206
CSD1
16
1
Panasonic
ECE-A1EKG100
Capacitor, 10 µF, 25 VDC, 105 °C
CVCC1
17
1
Johanson Dielectrics
102R29W102KV4E
Capacitor, 1 nF, 1 kV, SMT 1808
CBS
18
1
WIMA
FKP1-3300/2000/5
Capacitor, 3.3 nF, 2 kV
CRES
19
2
Panasonic
ECU-V1H471KBM
Capacitor, 470 pF, SMT 1206
CCS, COC
20
2
Panasonic
ECQB1104JFW
Capacitor, 0.1 µF, 100 V
CH1, CH2
21
1
Diodes Inc.
ZMM5240B-7
Zener diode, 10 V, Minimelf, 0.5 W
DEOL1
22
1
Diodes Inc.
ZMM5232B-7
Zener diode, 5.6 V, Minimelf, 0.5 W
DEOL2
23
1
Digi-key
MURS160DICT-ND
Diode, 1 A, 600 V, SMT SMB
DPFC
24
3
Diodes
LL4148DICT-ND
Diode, 1N4148, SMT DL35
DCP1, DCP2, DSD
25
1
Tyco Electronics/Amp
2-641262-1
DIP 16 IC Socket Through-Hole
IC1
26
1
International Rectifier
IRS2168D
IC, Ballast Driver / PFC
IC1
27
1
VOGT
IL 060 320 51 01
Resonant Inductor, 2 mH, 2 A peak
LRES
28
3
International Rectifier
IRFB9N60A
Transistor, MOSFET
MPFC, MHS, MLS
29
2
> = 22 A.W.G
Jumpers
J1, J2
30
5
Panasonic
ERJ-8GEYJ120V
Resistor, 12 Ω, SMT 1206
RPFC, RLO, RHO, RLM1, RLM2
31
1
Panasonic
ERJ-8GEYJ474V
Resistor, 470 kΩ, SMT1206
RCPH
32
1
Phoenix Passive
Components
5033ED220K0F12AF5
Resistor, 220 kΩ, 1/2 W
RVCC
33
2
Panasonic
ERJ-8GEYJ684V
Resistor, 680 kΩ, SMT 1206
RVBUS1, RVBUS2
34
1
Panasonic
ERJ-8GEYJ333V
Resistor, 33 kΩ, SMT 1206
RZX
35
2
Panasonic
ERJ-8GEYJ102V
Resistor, 1 kΩ, SMT 1206
RF1, RF2
36
1
Vishay/Dale
RS01A1R500FS70
Resistor, 1.5 Ω, 1%, 1 W
RCS
37
1
Digi-Key
P0.62W-1BK-ND
Resistor, 0.62 Ω, 1 W
ROC
38
1
Panasonic
ERJ-8ENF1132V
Resistor, 11.3 kΩ, 1%, SMT 1206
RVBUS
39
1
Panasonic
ERJ-8GEYJ104V
Resistor, 100 kΩ, SMT 1206
RSD
40
4
Panasonic
ERJ-8GEYJ224V
Resistor, 220 kΩ, SMT 1206
REOL1, REOL2, REOL3, RPU
41
1
Panasonic
ERJ-8GEYJ203V
Resistor, 20 kΩ, 5%, SMT 1206
REOL4 (see Note 3)
42
1
Digi-key
36.0KFRCT-ND
Resistor, 36 kΩ, 1%, SMT 1206
RFMIN
43
1
Panasonic
ERJ-8GEYJ563V
Resistor, 56 kΩ, 1%, SMT 1206
RPH
44
1
WAGO
235-203
Connector, 3 terminal
X1
45
1
WAGO
235-207
Connector, 4 terminal
X2
Table 1: Bill of Material
Lamp type: 54 W TL5; Line Input Voltage: 80-305 VAC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com