Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE4983C-HTNE6747 Datasheet(PDF) 27 Page - Infineon Technologies AG

Part # TLE4983C-HTNE6747
Description  TPO True Power On functionality
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4983C-HTNE6747 Datasheet(HTML) 27 Page - Infineon Technologies AG

Back Button TLE4983C-HTNE6747 Datasheet HTML 21Page - Infineon Technologies AG TLE4983C-HTNE6747 Datasheet HTML 22Page - Infineon Technologies AG TLE4983C-HTNE6747 Datasheet HTML 23Page - Infineon Technologies AG TLE4983C-HTNE6747 Datasheet HTML 24Page - Infineon Technologies AG TLE4983C-HTNE6747 Datasheet HTML 25Page - Infineon Technologies AG TLE4983C-HTNE6747 Datasheet HTML 26Page - Infineon Technologies AG TLE4983C-HTNE6747 Datasheet HTML 27Page - Infineon Technologies AG TLE4983C-HTNE6747 Datasheet HTML 28Page - Infineon Technologies AG TLE4983C-HTNE6747 Datasheet HTML 29Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 27 / 29 page
background image
Page 27 of 29
ϕJitter_typ
...
typical phase jitter at Tj=25°C in ° (1Sigma)
ϕJitter_max
...
maximum phase jitter at Tj=175°C in ° (3Sigma)
B
∂
∂
ϕ
...
inverse of the magnetic slope of the edge in °/T
Bneff_typ
...
typical value of Bneff in T
(1
σ-value at Tj=25°C)
Bn_max
...
maximum value of Bn in T (3
σ-value at Tj=175°C)
Example:
Assumption:
n = 3000 min
-1
td = 14 µs
∆td = ±3 µs
ϕ
∂
∂B
=
1 mT/°
∆BAC_cal = ±0.2 mT (=2% of 10mT swing)
Bneff_typ = ±33 µT (1
σ-value at T=25°C)
Bn_max = ±360 µT (3
σ-value at T=170°C)
Calculation:
ϕ
= 0.252°
...
systematic phase error
∆ϕd = ±0.054°
...
stochastic phase error due to delay time variation
∆ϕcal = ±0.2°
...
stochastic phase error due to accuracy of the threshold
ϕJitter_typ = ±0.033°
...
typical phase jitter (1
σ-value at Tj=25°C)
ϕJitter_max = ±0.21°
...
maximum phase jitter (3
σ-value at Tj=175°C)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com