Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE4983C-HTNE6747 Datasheet(PDF) 5 Page - Infineon Technologies AG

Part # TLE4983C-HTNE6747
Description  TPO True Power On functionality
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4983C-HTNE6747 Datasheet(HTML) 5 Page - Infineon Technologies AG

  TLE4983C-HTNE6747 Datasheet HTML 1Page - Infineon Technologies AG TLE4983C-HTNE6747 Datasheet HTML 2Page - Infineon Technologies AG TLE4983C-HTNE6747 Datasheet HTML 3Page - Infineon Technologies AG TLE4983C-HTNE6747 Datasheet HTML 4Page - Infineon Technologies AG TLE4983C-HTNE6747 Datasheet HTML 5Page - Infineon Technologies AG TLE4983C-HTNE6747 Datasheet HTML 6Page - Infineon Technologies AG TLE4983C-HTNE6747 Datasheet HTML 7Page - Infineon Technologies AG TLE4983C-HTNE6747 Datasheet HTML 8Page - Infineon Technologies AG TLE4983C-HTNE6747 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 29 page
background image
Page 5 of 29
Calibrated mode:
After a certain number of switching events (32) the accuracy is considered to be quite
high. At this time the chip is switched into an averaging mode (= calibrated mode) where
only minor threshold corrections are allowed. In this mode a period of 32 switching
events is taken to find the absolute minimum and maximum within this period. Threshold
calculation is done with these minimum and maximum. A filter algorithm is implemented,
which ensures that the threshold will only be updated, if the adjustment value calculated
shows in the same direction over the last four consecutive periods. Every new
calculated adjustment value that shows in the same direction causes an immediate
update of the threshold value. If the direction of the calculated adjustment value
changes, there must be again four consecutive adjustment values in the same direction
for another update of the threshold value. Additionally there is an activation level
implemented, allowing the threshold to be adjusted only if a certain amount (normally
bigger than 1LSB) of adjustment is calculated. The threshold correction per cycle is
limited to 1 LSB. The purpose of this strategy is to avoid larger offset deviations due to
singular events. Also irregularities of the target wheel are cancelled out, since the
minimum and maximum values are derived over at least one full revolution of the wheel.
The output switching is done at the threshold level without visible hysteresis in order to
achieve maximum accuracy. Nevertheless the chip has some internal protection
mechanisms in order to avoid multiple switching due to noise.
Changing the mode:
Every time after power up the chip is reset into the initial mode. Subsequent modes
(precalibrated, calibrated) are entered consequently as described before. In addition,
two plausibility checks are implemented in order to enable some self-recovery strategy
in case of unexpected events.
First, there is a watchdog, which checks for switching of the sensor at a certain lower
speed limit. If for 12 seconds there is no switching at the output, the chip is reset into the
initial mode.
Second, the IC checks if there is signal activity seen by the digital logic and if there is no
outputswitching at the same time. If the digital circuitry expects that there should have
been 4 switching events and actually no switching has occurred at the output, the IC is
reset into the initial mode.
Reset:
There are several conditions, which can lead to a reset condition. For the IC behaviour
we have to distinguish between a “output hold mode”, a “long reset”, a “short reset” and
a “software reset”.
Output hold mode:
This operating mode means that the output is held in the actual state and there is no
reset on the digital part performed. This state will be released after the IC reaches his
normal operation condition again and goes back into the operating mode he was before.
The following conditions lead to the output hold mode:
• A drop in the supply voltage to a value less than 2.4V but higher than 2.0V for a time
not longer than 1µs .. 2µs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com