Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE4983C-HTNE6747 Datasheet(PDF) 6 Page - Infineon Technologies AG

Part # TLE4983C-HTNE6747
Description  TPO True Power On functionality
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4983C-HTNE6747 Datasheet(HTML) 6 Page - Infineon Technologies AG

Back Button TLE4983C-HTNE6747 Datasheet HTML 2Page - Infineon Technologies AG TLE4983C-HTNE6747 Datasheet HTML 3Page - Infineon Technologies AG TLE4983C-HTNE6747 Datasheet HTML 4Page - Infineon Technologies AG TLE4983C-HTNE6747 Datasheet HTML 5Page - Infineon Technologies AG TLE4983C-HTNE6747 Datasheet HTML 6Page - Infineon Technologies AG TLE4983C-HTNE6747 Datasheet HTML 7Page - Infineon Technologies AG TLE4983C-HTNE6747 Datasheet HTML 8Page - Infineon Technologies AG TLE4983C-HTNE6747 Datasheet HTML 9Page - Infineon Technologies AG TLE4983C-HTNE6747 Datasheet HTML 10Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 29 page
background image
Page 6 of 29
Long reset:
This reset means a total reset of the analogue as well as for the digital part of the IC.
The output is forced to its default state (“high”). This condition remains for less than
1ms. After this time the IC is assumed to run in a stable condition and enters the initial
mode where the output represents the state of the target wheel (PROM value).
The following conditions lead to a long reset:
• Power-on condition.
• Low supply voltage: drop of the supply voltage to values less than 2.4V for a time
longer than 1µs .. 2µs or drop of the supply voltage to values less than 2.0V.
Short reset:
This reset means a reset of the digital circuitry. The output memorizes the state he had
before the reset. This condition remains for approx. 1µs. After that time the chip is
brought into the initial mode (output stays “high” for approx. 200µs for an untrimmed IC).
Then the output is released again and represents the state of the target wheel (PROM
value). The following conditions lead to a short reset:
• Watchdog overflow: If there is no switching at the output for more than 12 seconds.
• If there are four min- or max-events found without a switching event at the output
Software reset:
This reset can be performed in the testmode through the serial-interface. The IC output
is then used as data output for the serial interface.
The following condition lead to a software reset:
• There is a reset applied through the serial Interface
Table 1 shows an overview over the behaviour of the output under certain conditions.
Unprogrammed
Programmed
Noninverted
inverted
Noninverted
Inverted
output hold mode
Qn-1
-
Qn-1
Qn-1
long reset
High
-
High
High
short reset
High
-
normal TPO
inverted TPO
initial mode
high (self
calibration)
-
normal TPO
inverted TPO
precalibrated mode
Normal
-
Normal
Inverted
calibrated mode
Normal
-
Normal
Inverted
Qn-1
… state of output before a reset occurs
normal TPO … “low” if B
>BTPO ; “high” if B<BTPO
inverted TPO … “high” if B
>BTPO ; “low” if B<BTPO
normal
… “low” if B
>BThreshold ; “high” if B<BThreshold
inverted
… “high” if B
>BThreshold ; “low” if B<BThreshold
Table1: Output behaviour under certain conditions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com