Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE4983C-HTNE6747 Datasheet(PDF) 21 Page - Infineon Technologies AG

Part # TLE4983C-HTNE6747
Description  TPO True Power On functionality
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4983C-HTNE6747 Datasheet(HTML) 21 Page - Infineon Technologies AG

Back Button TLE4983C-HTNE6747 Datasheet HTML 17Page - Infineon Technologies AG TLE4983C-HTNE6747 Datasheet HTML 18Page - Infineon Technologies AG TLE4983C-HTNE6747 Datasheet HTML 19Page - Infineon Technologies AG TLE4983C-HTNE6747 Datasheet HTML 20Page - Infineon Technologies AG TLE4983C-HTNE6747 Datasheet HTML 21Page - Infineon Technologies AG TLE4983C-HTNE6747 Datasheet HTML 22Page - Infineon Technologies AG TLE4983C-HTNE6747 Datasheet HTML 23Page - Infineon Technologies AG TLE4983C-HTNE6747 Datasheet HTML 24Page - Infineon Technologies AG TLE4983C-HTNE6747 Datasheet HTML 25Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 29 page
background image
Page 21 of 29
Electro Magnetic Compatibility - (values depend on RSeries)
Additional Information:
Characterisation of Electro Magnetic Compatibility are carried out on sample base of one qualification lot.
Not all specification parameters have been monitored during EMC exposure. Only key parameters e.g.
switching current and duty cycle have been monitored.
Ref. ISO 7637-1; see test circuit of figure 8;
∆BPP = 10mT (ideal sinusoidal signal); VS=13.5V ± 0.5V, fB= 1000Hz; T= 25°C; RSeries ≥ 200Ω;
Parameter
Symbol
Level/typ
Status
Testpulse 1
Testpulse 2
Testpulse 3a
Testpulse 3b
Testpulse 4
VEMC
IV / -100V
IV / 100V
IV / -150V
IV / 100V
IV / -7V
C
A
13
A
A
A
Ref. ISO 7637-2; 2
nd edition 06/2004 see test circuit of figure 8;
∆BPP = 2mT (amplitude sinus signal); VS=13.5V ± 0.5V, fB= 1000Hz; T= 25°C; RSeries ≥ 200Ω;
Parameter
Symbol
Level/typ
Status
Testpulse 2a
Testpulse 5a
Testpulse 5b
VEMC
IV / 40V
IV / 86.5V
IV / 86.5V
A
C
A
14
Note: Test criteria for status A: No missing pulse no additional pulse on the IC output
signal plus duty cycle and jitter are in the specification limits.
Test criteria for status B: No missing pulse no additional pulse on the IC output
signal. (Output signal “OFF” means switching to the voltage of the pull-up resistor).
Test criteria for status C: One or more parameter can be out of specification during
the exposure but returns automatically to normal operation after exposure is
removed.
Test criteria for status E: destroyed.
13 Valid during Vs is applied afterwards Status C, current consumption may be out of spec during testpulse
14 Suppressed Us*=35V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com