Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE4983C-HTNE6747 Datasheet(PDF) 19 Page - Infineon Technologies AG

Part # TLE4983C-HTNE6747
Description  TPO True Power On functionality
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4983C-HTNE6747 Datasheet(HTML) 19 Page - Infineon Technologies AG

Back Button TLE4983C-HTNE6747 Datasheet HTML 15Page - Infineon Technologies AG TLE4983C-HTNE6747 Datasheet HTML 16Page - Infineon Technologies AG TLE4983C-HTNE6747 Datasheet HTML 17Page - Infineon Technologies AG TLE4983C-HTNE6747 Datasheet HTML 18Page - Infineon Technologies AG TLE4983C-HTNE6747 Datasheet HTML 19Page - Infineon Technologies AG TLE4983C-HTNE6747 Datasheet HTML 20Page - Infineon Technologies AG TLE4983C-HTNE6747 Datasheet HTML 21Page - Infineon Technologies AG TLE4983C-HTNE6747 Datasheet HTML 22Page - Infineon Technologies AG TLE4983C-HTNE6747 Datasheet HTML 23Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 29 page
background image
Page 19 of 29
Symbol
Name
min
typ max
Unit
Note
fclk
clock frequency for digital part
1.76
MHz
fchopper
clock frequency used by the chopper
preamplifier
220
kHz
output jitter is not affected by the
chopper frequency
∆k0
resolution of switching level
adjustment
6.25
%
BOffset
internal offset
-2.2 ±0.35 2.2
mT
Typ. value corresponds 1σ
FSRODAC
full scale range of the offset-DAC
104
130 162.5
mT
Typ. BODAC_0 = -16.3mT
Typ. BODAC_1023 = 113.8mT
FSRODACtyp
full scale range of the offset-DAC
112.7 130 152.8
mT
Tj=25°C
BTPO_res
resolution of programmable
threshold in TPO mode
0.13
mT
∆BTPO
drift of BTPO-point
-2
+3.4
mT
BTPO=33mT
11
∆BAC_cal
accuracy of threshold in calibration
mode
-2
2
%
percentage of BAC; BAC=10mTpp
sinusoidal signal
12; systematic
deviation due to hysteresis in the
filter algorithm of 1.5% at
BAC=10mTpp not included;
Bneff
effective noise value of the magnetic
switching points
33
µT
Tj = 25°C; The magnetic noise is
normal distributed, nearly
independent to frequency and
without sampling noise or digital
noise effects. The typical value
represents the rms-value here
and corresponds therefore to 1
σ
probability of normal distribution.
Consequently a 3
σ value
corresponds to 0.3% probability
of appearance.
55
120
µT
The typical value corresponds to
the rms-value at Tj = 175°C
.
The max value corresponds to
the rms-values in the full
temperature range and includes
technological spreads.
Note: The listed AC/DC and magnetic characteristics are ensured over the operating
range of the integrated circuit. Typical characteristics specify mean values expected
over the production spread. If not other specified, typical characteristics apply at
Tj = 25
°C and
VS = 12 V.
11 This value shows the deviation from the programmed B
TPO value and its temperature coefficient.
Included are the package-effect, the deviation
from the adjusted temperature coefficient of the BTPO point (resolution of the temperature coefficient and spread of the technologie) and the drift
of the offset (over temperature and lifetime). Not included is the hysteresis in the initial mode. Included are the package-effect, the deviation from
the adjusted temperature coefficient of the BTPO point (resolution of the temperature coefficient and spread of the technologie) and the drift of the
offset (over temperature and lifetime). Not included is the hysteresis in the initial mode.
12 bigger amplitudes of signal lead to smaller values of ∆B
AC_cal.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com