Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE4983C-HTNE6747 Datasheet(PDF) 2 Page - Infineon Technologies AG

Part # TLE4983C-HTNE6747
Description  TPO True Power On functionality
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4983C-HTNE6747 Datasheet(HTML) 2 Page - Infineon Technologies AG

  TLE4983C-HTNE6747 Datasheet HTML 1Page - Infineon Technologies AG TLE4983C-HTNE6747 Datasheet HTML 2Page - Infineon Technologies AG TLE4983C-HTNE6747 Datasheet HTML 3Page - Infineon Technologies AG TLE4983C-HTNE6747 Datasheet HTML 4Page - Infineon Technologies AG TLE4983C-HTNE6747 Datasheet HTML 5Page - Infineon Technologies AG TLE4983C-HTNE6747 Datasheet HTML 6Page - Infineon Technologies AG TLE4983C-HTNE6747 Datasheet HTML 7Page - Infineon Technologies AG TLE4983C-HTNE6747 Datasheet HTML 8Page - Infineon Technologies AG TLE4983C-HTNE6747 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 29 page
background image
Page 2 of 29
Pin configuration PG-SSO-3-91
Pin definition and Function
Functional description:
The basic operation of the TLE4983C is to map a „high positive“ magnetic field (tooth)
into a “low” electrical output signal and to map a „low positive“ magnetic field (notch) into
a “high” electrical output. Optionally the other output polarity can be chosen by
programming the PROM. A magnetic field is considered as positive if the North Pole of a
magnet shows towards the rear side of the IC housing. Since it seems that also
backbias-reduced magnetic configurations still show significant flux densities in one
distinct direction the circuit will be optimised for one flux direction in order to provide an
optimal signal to noise behaviour.
For understanding the operation of the TLE4983C three different modes have to be
considered: Initial operation after power up: This mode will be referred to as „initial
mode“. Operation following the initialisation before having full information about the
target wheel: This mode will be referred to as “precalibrated mode”. Normal operation
with running target wheel: This mode will be referred to as „calibrated mode“.
Pin No.
Symbol
Function
1
VS
Supply Voltage
2
GND
Ground
3
Q
Open Drain Output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com