Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE4983C-HTNE6747 Datasheet(PDF) 3 Page - Infineon Technologies AG

Part # TLE4983C-HTNE6747
Description  TPO True Power On functionality
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4983C-HTNE6747 Datasheet(HTML) 3 Page - Infineon Technologies AG

  TLE4983C-HTNE6747 Datasheet HTML 1Page - Infineon Technologies AG TLE4983C-HTNE6747 Datasheet HTML 2Page - Infineon Technologies AG TLE4983C-HTNE6747 Datasheet HTML 3Page - Infineon Technologies AG TLE4983C-HTNE6747 Datasheet HTML 4Page - Infineon Technologies AG TLE4983C-HTNE6747 Datasheet HTML 5Page - Infineon Technologies AG TLE4983C-HTNE6747 Datasheet HTML 6Page - Infineon Technologies AG TLE4983C-HTNE6747 Datasheet HTML 7Page - Infineon Technologies AG TLE4983C-HTNE6747 Datasheet HTML 8Page - Infineon Technologies AG TLE4983C-HTNE6747 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 29 page
background image
Page 3 of 29
Initial mode:
The magnetic information is derived from a chopped Hall amplifier. The threshold
information comes from a PROM-register that may be programmed at any time, but only
once (no EEPROM). The magnetic information is compared against the threshold and
the output state is set correspondingly. Some hysteresis is introduced in order to avoid
false switching due to noise.
In case that there is no PROM-value available (PROM has not been programmed
before) the chip starts an auto-search for the actual magnetic value (SAR-mode). The
initial threshold value is set to this magnetic value. This feature can be used to find a
TPO-value for providing correct programming information to the chip simply by setting
the chip in front of a well-defined static target. In this case a moving target wheel is not
necessary.
In case there is a PROM value available, the open drain output will be turned on or off
by comparing the magnetic field against the pre-programmed value.
During rotation of the target wheel a self-calibration procedure is started in the
background. The IC memorises magnetic field values for adjusting the threshold to an
optimum value. The exact way of threshold adjustment is described in more detail in the
precalibrated mode.
Precalibrated mode:
In the precalibrated mode the IC permanently monitors the magnetic signal. To say it in
more detail, it searches for minimum (caused by a notch) and maximum (caused by a
tooth) values in the signal. Once the IC has found a pair of min / max values it calculates
the optimum threshold level and adjusts the system offset in such a way, that the
switching occurs on this level. The internal offset update algorithm checks also the
magnetical edge in that point in time when an offset update is to be released. Positive
updates of the offset are released only at magnetic rising edges, negative offset updates
only on magnetic falling edges. Otherwise an update on the wrong magnetic edge may
cause additional switching. The threshold adjustment is limited to increments of approx.
15mT per calibration in order to avoid totally wrong information caused by large signal
disturbances (EMC-events or similar). The optimum threshold level may differ depending
on the target wheel. For example, for regular gearwheels the magnetic signal is close to
a sinusoid and the optimum threshold value can be considered as 50% value, which is
the mean value between minimum and maximum signal. For camshaft wheels an
optimum threshold may be at a different percent-value in order to have minimum phase
error over airgap variations. See fig.4 for definition of this dynamic switching level.
In case that the initial PROM-value does not lead to a switching of the IC because it is
slightly out of the signal range the IC nevertheless does its switch value correction in the
background. After having corrected for a sufficient amount the IC will start its output
switching. The output switching includes some hysteresis in order to avoid false
switching. During 16 switching events updates (number of updates depend on the
magnetic signal) with 15mT are allowed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com