Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE4983C-HTNE6747 Datasheet(PDF) 10 Page - Infineon Technologies AG

Part # TLE4983C-HTNE6747
Description  TPO True Power On functionality
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4983C-HTNE6747 Datasheet(HTML) 10 Page - Infineon Technologies AG

Back Button TLE4983C-HTNE6747 Datasheet HTML 6Page - Infineon Technologies AG TLE4983C-HTNE6747 Datasheet HTML 7Page - Infineon Technologies AG TLE4983C-HTNE6747 Datasheet HTML 8Page - Infineon Technologies AG TLE4983C-HTNE6747 Datasheet HTML 9Page - Infineon Technologies AG TLE4983C-HTNE6747 Datasheet HTML 10Page - Infineon Technologies AG TLE4983C-HTNE6747 Datasheet HTML 11Page - Infineon Technologies AG TLE4983C-HTNE6747 Datasheet HTML 12Page - Infineon Technologies AG TLE4983C-HTNE6747 Datasheet HTML 13Page - Infineon Technologies AG TLE4983C-HTNE6747 Datasheet HTML 14Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 29 page
background image
Page 10 of 29
Block diagram:
The block diagram is shown in fig.3. The IC consists of a spinning Hall probe (monocell
in the centre of the chip) with a chopped preamplifier. Next there is a summing node for
threshold level adjustment. The threshold switching is actually done in the main
comparator at a signal level of „0“. This means, that the whole signal is shifted by this
summing node in that way, that the desired switching level occurs at zero. This adjusted
signal is fed into an A/D-converter. The converter feeds a digital calibration logic. This
logic monitors the digitised signal by looking for minimum and maximum values and also
calculates correction values for threshold adjustment. The static switching level is simply
done by fetching a digital value out of a PROM. The dynamic switching level is done by
calculating a weighted average of min and max value. For example, a factor of
approximately 71% can be achieved by doubling the weight of the max value. Generally
speaking, a threshold level of Bcal = Bmin + (Bmax – Bmin) * k0 can be achieved by
multiplying max with the switching level k0 and min with (1-k0).
Serial interface:
The serial interface is used to program the chip. At the same time it can be used to
provide special settings and to read out several internal registers status bits. The
interface description consists of a physical layer and a logical layer. The physical layer
describes format, timing and voltage information, whereas the logical layer describes the
available commands and the meaning of bits, words and addresses.
Physical interface layer:
The data transmission is done over the VS-pin, which generates input information and
clock timing, and the out-pin Q, which delivers the output data. Generally the interface
function is disabled; this means, that in normal operation including normal supply
distortion the interface is not active and therefore the chip operates in its normal way. A
special initialisation sequence must be performed to enter the interface mode that is also
referred to as “testmode”. There are two possible ways to achieve the testmode. They
are called OpenPowerOn and OpenSyncVDD. For already programmed devices this
initialisation procedures to testmode are not possible. The IC is still in test mode after
programming the IC. It is possible to read out the programmed values as long as you do
not leave the test mode.
OpenPowerOn: For a short time after power on or reset the chip monitors the output
signal. The internal logic brings the output into a high impedance state, which will be a
logical “high” caused by the external pull-up resistor. If now the chip sees a logical “low”
(for at least 1ms), which is an output voltage lower than 0.3V, the chip enters the
testmode.
Data transmission: Serial transmission is done in words (LSB first). A logical „1“ is
represented by a long (2/3 of one period) „high“ voltage level (higher than 5V) on the
supply followed by a short (1/3 of one period) „low“ voltage level (lower than 5V),
whereas a logical „0“ is represented by a short „high“ level on the supply followed by a
long „low“ level. At the same time this high/low voltage combination, which forms in fact
a bit, acts as a serial interface clock which clocks out logical high / low values on the
output. Due to the increased capacity a clocking period of 200µs is recommended
(standard value for 4.7nF capacitor: 100µs).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com