Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPA2164ASOF Datasheet(PDF) 7 Page - Lowpower Semiconductor inc

Part # LPA2164ASOF
Description  6W Class- F Audio Amplifier With Boost Convertor Integrated
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LPA2164ASOF Datasheet(HTML) 7 Page - Lowpower Semiconductor inc

Back Button LPA2164ASOF Datasheet HTML 3Page - Lowpower Semiconductor inc LPA2164ASOF Datasheet HTML 4Page - Lowpower Semiconductor inc LPA2164ASOF Datasheet HTML 5Page - Lowpower Semiconductor inc LPA2164ASOF Datasheet HTML 6Page - Lowpower Semiconductor inc LPA2164ASOF Datasheet HTML 7Page - Lowpower Semiconductor inc LPA2164ASOF Datasheet HTML 8Page - Lowpower Semiconductor inc LPA2164ASOF Datasheet HTML 9Page - Lowpower Semiconductor inc LPA2164ASOF Datasheet HTML 10Page - Lowpower Semiconductor inc LPA2164ASOF Datasheet HTML 11Page - Lowpower Semiconductor inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
Preliminary Datasheet
LPA2164A
LPA2164A–00
Version 1.0 May.-2013
Email: marketing@lowpowersemi.com
www.lowpowersemi.com
Page 7 of 15
Audio Precision
A-A THD+N vs FREQUENCY
A-A THD+N VS FREQ @4ohm PO=3W CLASS D VDD=6V.ats2
Color
Sweep
Trace
Line Style
Thick
Data
Axis
Comment
1
1
Cyan
Solid
1
Analyzer.THD+N Ratio B
Left
1
2
Blue
Solid
7
Analyzer.THD+N Ratio B
Right
A single sweeps produces a stereo THD+N sweep of Ch A and Ch B when data 1 is set for
THD+N and the Stereo box is checked. The upper Analyzer bandwidth is 20kHz. At a 6kHz
fundamental only the 2nd and 3rd harmonics are included, above 10kHz only the noise is
included in the measurement bandwidth. For band-limited systems IMD testing is better.
0.0001
10
0.001
0.01
0.1
1
%
0.0001
10
0.001
0.01
0.1
1
%
2k
20k
4k
6k
8k
10k
12k
14k
16k
18k
Hz
Audio Precision
A-A THD+N vs FREQUENCY
A-A THD+N VS FREQ @4ohm PO=3W CLASS AB VDD=6V.ats2
Color
Sweep
Trace
Line Style
Thick
Data
Axis
Comment
1
1
Cyan
Solid
1
Analyzer.THD+N Ratio B
Left
1
2
Blue
Solid
7
Analyzer.THD+N Ratio B
Right
A single sweeps produces a stereo THD+N sweep of Ch A and Ch B when data 1 is set for
THD+N and the Stereo box is checked. The upper Analyzer bandwidth is 20kHz. At a 6kHz
fundamental only the 2nd and 3rd harmonics are included, above 10kHz only the noise is
included in the measurement bandwidth. For band-limited systems IMD testing is better.
0.0001
10
0.001
0.01
0.1
1
%
0.0001
10
0.001
0.01
0.1
1
%
2k
20k
4k
6k
8k
10k
12k
14k
16k
18k
Hz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com