Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPA2164ASOF Datasheet(PDF) 5 Page - Lowpower Semiconductor inc

Part # LPA2164ASOF
Description  6W Class- F Audio Amplifier With Boost Convertor Integrated
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LPA2164ASOF Datasheet(HTML) 5 Page - Lowpower Semiconductor inc

  LPA2164ASOF Datasheet HTML 1Page - Lowpower Semiconductor inc LPA2164ASOF Datasheet HTML 2Page - Lowpower Semiconductor inc LPA2164ASOF Datasheet HTML 3Page - Lowpower Semiconductor inc LPA2164ASOF Datasheet HTML 4Page - Lowpower Semiconductor inc LPA2164ASOF Datasheet HTML 5Page - Lowpower Semiconductor inc LPA2164ASOF Datasheet HTML 6Page - Lowpower Semiconductor inc LPA2164ASOF Datasheet HTML 7Page - Lowpower Semiconductor inc LPA2164ASOF Datasheet HTML 8Page - Lowpower Semiconductor inc LPA2164ASOF Datasheet HTML 9Page - Lowpower Semiconductor inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
Preliminary Datasheet
LPA2164A
LPA2164A–00
Version 1.0 May.-2013
Email: marketing@lowpowersemi.com
www.lowpowersemi.com
Page 5 of 15
Electrical Characteristics For Boost Convertor
(VIN=3.6V,VOUT=5V,CIN=22uF,COUT=22uF//10uF,L=4.7uH)
Parameter
Conditions
Boost of LPA2164A
Units
Min
Typ
Max
Supply Voltage
2.2
5.5
V
Output Voltage Range
6
6.5
V
Supply Current(Shutdown)
VEN=VOUT=0V, VIN=5V
1
uA
Supply Current
VEN=VIN=3.6V, VFB=0.6V
150
uA
Feedback Voltage
0.588
0.6
0.612
V
Feedback Input Current
VFB=0.6V
50
nA
Switching Frequency
900
KHz
Maximum Duty Cycle
90
%
EN Input Low Voltage
0.4
V
EN Input High Voltage
1.4
V
Limit current of power MOSFET
3
A
RDS(ON)
VOUT=3.3V
100
mΩ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com