Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPA2164ASOF Datasheet(PDF) 13 Page - Lowpower Semiconductor inc

Part # LPA2164ASOF
Description  6W Class- F Audio Amplifier With Boost Convertor Integrated
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LPA2164ASOF Datasheet(HTML) 13 Page - Lowpower Semiconductor inc

Back Button LPA2164ASOF Datasheet HTML 7Page - Lowpower Semiconductor inc LPA2164ASOF Datasheet HTML 8Page - Lowpower Semiconductor inc LPA2164ASOF Datasheet HTML 9Page - Lowpower Semiconductor inc LPA2164ASOF Datasheet HTML 10Page - Lowpower Semiconductor inc LPA2164ASOF Datasheet HTML 11Page - Lowpower Semiconductor inc LPA2164ASOF Datasheet HTML 12Page - Lowpower Semiconductor inc LPA2164ASOF Datasheet HTML 13Page - Lowpower Semiconductor inc LPA2164ASOF Datasheet HTML 14Page - Lowpower Semiconductor inc LPA2164ASOF Datasheet HTML 15Page - Lowpower Semiconductor inc  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
Preliminary Datasheet
LPA2164A
LPA2164A–00
Version 1.0 May.-2013
Email: marketing@lowpowersemi.com
www.lowpowersemi.com
Page 13 of 15
Recommend Application
Case1: Bluetooth Speaker Box—— Charge(1A) + 5W Class F Amplifier
16
14
5
6
9
7
13
11
12
10
2
3
FB
SW
SD
BYP
MODE
IN-
OUT+
VDD
GND
OUT-
VIN
EN
LPA2164A
IN-
C1
C2
104
22uF
L1
4.7uH
SS34
C3
C5
470uF
C4
10uF
104
C6
22pF
OPTIONAL
R2
ON
OFF
AB
ON
OFF
C7
105
IN+
C11
105
SPEAKER
8
IN+
C10
17
C9
R6
PGND
4
AGND
C12
105
D
R1
SD
MODE
CHRG_S
ACIN
BATT
LP28019SPF
ISETA
GND
6
5
4,9
2
1
Rset
Battery
CHARGE
VIN
C18
22uF
C19
10uF
R11
1KΩ
LED
R7
10nF
10R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com