Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPA2164ASOF Datasheet(PDF) 1 Page - Lowpower Semiconductor inc

Part # LPA2164ASOF
Description  6W Class- F Audio Amplifier With Boost Convertor Integrated
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LPA2164ASOF Datasheet(HTML) 1 Page - Lowpower Semiconductor inc

  LPA2164ASOF Datasheet HTML 1Page - Lowpower Semiconductor inc LPA2164ASOF Datasheet HTML 2Page - Lowpower Semiconductor inc LPA2164ASOF Datasheet HTML 3Page - Lowpower Semiconductor inc LPA2164ASOF Datasheet HTML 4Page - Lowpower Semiconductor inc LPA2164ASOF Datasheet HTML 5Page - Lowpower Semiconductor inc LPA2164ASOF Datasheet HTML 6Page - Lowpower Semiconductor inc LPA2164ASOF Datasheet HTML 7Page - Lowpower Semiconductor inc LPA2164ASOF Datasheet HTML 8Page - Lowpower Semiconductor inc LPA2164ASOF Datasheet HTML 9Page - Lowpower Semiconductor inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
Preliminary Datasheet
LPA2164A
LPA2164A–00
Version 1.0 May.-2013
Email: marketing@lowpowersemi.com
www.lowpowersemi.com
Page 1 of 15
6W Class- F Audio Amplifier
With Boost Convertor Integrated
General Description
The LPA2164A is a 6W, class-F audio amplifier with
boost convertor integrated. It offers low THD+N, allowing
it to achieve high-quality Power Supply sound
reproduction. The new filterless architecture allows the
device to drive the speaker directly requiring no low-pass
output filters, thus to save the system cost and PCB area.
With high performance inductor and diode,the boost
convertor can offer 3A switch on current for load. It can
provide up to 6.0V stable DC voltage for amplifier so that
it can display 6W output at 10% THD with a 3Ù load.
When it provides 5.0V DC voltage, it can provide 3.1W
output at 10% THD with a 4Ù load. The LPA2164A also
can work at class-AB mode which make LPA2164A could
apply to device with radio receiver. The other character of
LPA2164A contact OCP 、 OTP and high noise
suppression for FR signal. The LPA2164A is available in
SOP-16.
Order Information
LPA2164A □ □ □
F: Pb-Free
Package Type
SO: SOP-16
Applications
Portable Bluetooth Speaker
Cellular and Smart mobile phone
Square Speaker
Features
Integrated boost convertor
Shutdown current:<3uA
Switch on current :3.0A
Internal Compensation
Max duty cycle: 90%
480KHz fixed frequency switching for amplifier work
at class_D mode and 900KHz for step up convertor
POUT at 10% THD+N,VIN=3.7V for boost convertor
RL=4Ω,POUT=4.8W,boost to 6.0V for amplifier
RL=4Ω,POUT=3.1W,boost to 5.0V for amplifier
POUT at 1% THD+N,VIN=3.7V for boost convertor
RL=4Ω,POUT=3.6W,boost to 6.0V for amplifier
RL=4Ω,POUT=1.8W,boost to 5.0V for amplifier
Filterless, Low Quiescent Current and Low EMI
Amplifier Efficiency up to 84%
Excellent POP&CLICK rejection
OCP, OTP features
Few External Components to Save the Space and
cost
Free LC filter digital modulation, direct-drive
speakers
Pb-Free Package
Marking Information
Device
Marking
Package
Shipping
LPA2164ASOF
LPS
LPA2164A
YWX
SOP-16
3K/REEL
Y: Y is year code. W: W is week code. X: X is series number.


Similar Part No. - LPA2164ASOF

ManufacturerPart #DatasheetDescription
logo
Lowpower Semiconductor ...
LPA2164 POWER-LPA2164 Datasheet
701Kb / 16P
8W Class- F Audio Amplifier With Boost Convertor Integrated
LPA2164SPF POWER-LPA2164SPF Datasheet
701Kb / 16P
8W Class- F Audio Amplifier With Boost Convertor Integrated
More results

Similar Description - LPA2164ASOF

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TMPA402DS ETC1-TMPA402DS Datasheet
236Kb / 13P
6W/Ch STEREO CLASS-D AUDIO POWER AMPLIFIER
logo
Anpec Electronics Corop...
APA2607 ANPEC-APA2607 Datasheet
571Kb / 26P
6W Stereo Class-D Audio Power Amplifier
APA2613 ANPEC-APA2613 Datasheet
473Kb / 25P
6W Stereo Class-D Audio Power Amplifier
logo
Lowpower Semiconductor ...
LPA2162 POWER-LPA2162 Datasheet
1Mb / 11P
Integrated PWM/PFM boost convertor
logo
Diodes Incorporated
PAM8945 DIODES-PAM8945 Datasheet
650Kb / 9P
4.0W CLASS-G AUDIO AMPLIFIER WITH INTEGRATED
Rev 1
logo
Lowpower Semiconductor ...
LPA2105 POWER-LPA2105 Datasheet
566Kb / 8P
Filterless 6W Class- D Mono Audio Amplifier
LPA2163 POWER-LPA2163 Datasheet
1Mb / 18P
Build in EQ Function 8W Class- F Audio Amplifier With Boost Convertor Integrated
LPA2164 POWER-LPA2164 Datasheet
701Kb / 16P
8W Class- F Audio Amplifier With Boost Convertor Integrated
LPA2176 POWER-LPA2176 Datasheet
607Kb / 12P
Filterless 6W Class- F Mono Audio Amplifier integrated Non-Crack Noise function
logo
Diodes Incorporated
PAM8945 DIODES-PAM8945_16 Datasheet
568Kb / 9P
4.0W CLASS-G AUDIO AMPLIFIER WITH INTEGRATED BOOST CONVERTER
Rev 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com