Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPA2164ASOF Datasheet(PDF) 12 Page - Lowpower Semiconductor inc

Part # LPA2164ASOF
Description  6W Class- F Audio Amplifier With Boost Convertor Integrated
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LPA2164ASOF Datasheet(HTML) 12 Page - Lowpower Semiconductor inc

Back Button LPA2164ASOF Datasheet HTML 7Page - Lowpower Semiconductor inc LPA2164ASOF Datasheet HTML 8Page - Lowpower Semiconductor inc LPA2164ASOF Datasheet HTML 9Page - Lowpower Semiconductor inc LPA2164ASOF Datasheet HTML 10Page - Lowpower Semiconductor inc LPA2164ASOF Datasheet HTML 11Page - Lowpower Semiconductor inc LPA2164ASOF Datasheet HTML 12Page - Lowpower Semiconductor inc LPA2164ASOF Datasheet HTML 13Page - Lowpower Semiconductor inc LPA2164ASOF Datasheet HTML 14Page - Lowpower Semiconductor inc LPA2164ASOF Datasheet HTML 15Page - Lowpower Semiconductor inc  
Zoom Inzoom in Zoom Outzoom out
 12 / 15 page
background image
Preliminary Datasheet
LPA2164A
LPA2164A–00
Version 1.0 May.-2013
Email: marketing@lowpowersemi.com
www.lowpowersemi.com
Page 12 of 15
PCB Layout notices
1, In the path of the power supply, plus a 1uF and a 10uF
to ground high-frequency filter capacitor. These caps can
be connected to the thermal pad directly for an excellent
ground connection. Consider adding a small, good quality
low ESR ceramic capacitor may achieve better sound
effects.
2, Large (470 µF or greater) bulk power supply
decoupling capacitors should be placed near the
LPA2164A on the VDD supplies. Local, high-frequency
bypass capacitors should be placed as close to the VDD
pins as possible.
3, The power line, ground line and filter capacitor and
bypass capacitors as close to the chip's pins, remember
not to put the capacitor on the back of the board, through
tiny holes through the jumper even over. Keep the current
loop from each of the outputs through the ferrite bead
and the small filter cap and back to PGND as small and
tight as possible. The size of this current loop determines
its effectiveness as an antenna.
4, Power, ground, and a large current line must try to be
wide enough, if you want to add vias, the number of
through-holes must be at least 6. The thermal pad must
be soldered to the PCB for proper thermal performance
and optimal reliability.
5, GND and VDD should be put independently,
high-power signals to avoid interference.
6, If you want to pursue as large as the effect of power, a
large selection of speakers or sound chamber with low
resistance (such as 3.6Ù) speakers, or added to improve
the supply voltage boost circuit.
7, Including the line between large current cell and chip,
the inductor should be as close and short as possible to
chip for a high performance. Adding a coil to this pin
would be helpful for EMI certification. If there is a high
standards needed in LPA2164A application, we could
add a coil and capacitor between chip and speaker
constituting a LC filter which coil would be 100MHz,
100~150Ω and its DCI beyond 3A placing as close as
possible to chip, the capacitor should be 1nF connecting
the PGND.
8, The position under the amplifier chip on the board
must be added vents and large areas of exposed copper
and tin to enhance heat dissipation.
9, In case of fixed gain and meeting demand, it should
make CIN small as possible as we can because it
constitute a high through filter with Rin which cutoff
frequency is 1/2*3.414*Cin*Rin. A high capacitance cap
could make POP worse.
PCB LAYOUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com