Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPA2164ASOF Datasheet(PDF) 3 Page - Lowpower Semiconductor inc

Part # LPA2164ASOF
Description  6W Class- F Audio Amplifier With Boost Convertor Integrated
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LPA2164ASOF Datasheet(HTML) 3 Page - Lowpower Semiconductor inc

  LPA2164ASOF Datasheet HTML 1Page - Lowpower Semiconductor inc LPA2164ASOF Datasheet HTML 2Page - Lowpower Semiconductor inc LPA2164ASOF Datasheet HTML 3Page - Lowpower Semiconductor inc LPA2164ASOF Datasheet HTML 4Page - Lowpower Semiconductor inc LPA2164ASOF Datasheet HTML 5Page - Lowpower Semiconductor inc LPA2164ASOF Datasheet HTML 6Page - Lowpower Semiconductor inc LPA2164ASOF Datasheet HTML 7Page - Lowpower Semiconductor inc LPA2164ASOF Datasheet HTML 8Page - Lowpower Semiconductor inc LPA2164ASOF Datasheet HTML 9Page - Lowpower Semiconductor inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
Preliminary Datasheet
LPA2164A
LPA2164A–00
Version 1.0 May.-2013
Email: marketing@lowpowersemi.com
www.lowpowersemi.com
Page 3 of 15
Functional Pin Description
P in N o .
P IN N ame
D E SC R IP T ION
1
PGND
Power ground pin.
2
VIN
Power supply for boost convertor.
3
EN
Enable pin for boost convertor. Active high.
4
AGND
Analog power ground for boost convertor.
5
SD
Amplifier Shutdown pin. Active high.
6
BYP
Bypass pin. Connect a 1uF capacitor to ground.
7
IN-
Negative input of amplifier.
8
IN+
Positive input of amplifier.
9
MODE
Class_AB and class_D mode switch pin. Choice class_D mode with high voltage.
10
OUT-
Negative output of amplifier.
11
VDD
Power supply for amplifier.
12
GND
Ground for amplifier.
13
OUT+
Positive output of amplifier.
14
SW
Switch pin for boost convertor.
15
NC
No connection.
16
FB
Feedback pin.
Absolute Maximum Ratings
Supply voltage for boost convertor --------------------------------------------------------------------------
-0.3V to 6V
Supply voltage for amplifier ---------------------------------------------------------------------------------
-0.3V to 6.5V
Lead Temperature (Soldering, 10 sec.) ---------------------------------------------------------------------------- 260°C
Storage Temperature Range ----------------------------------------------------------------------------
−65°C to 150°C
Operation Junction Temperature Range --------------------------------------------------------------
−40°C to 125°C
Operation Ambient Temperature Range-----------------------------------------------------------------
−40°C to 85°C
Maximum Junction Temperature Range----------------------------------------------------------------------------
125°C
Recommended Operating Conditions
Supply voltage for boost convertor -------------------------------------------------------------------------- 2.5V to 5.0V
Supply voltage for amplifier ----------------------------------------------------------------------------------
2.5V to 6.0V
Thermal Information
Parameter
Symbol
Package
Maximum
Units
Thermal resistance (junction to ambient)
θJA
SOF16
80
℃
/W
Thermal resistance (junction to case)
θJC
SOF16
36
℃
/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com