Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPA2164ASOF Datasheet(PDF) 2 Page - Lowpower Semiconductor inc

Part # LPA2164ASOF
Description  6W Class- F Audio Amplifier With Boost Convertor Integrated
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LPA2164ASOF Datasheet(HTML) 2 Page - Lowpower Semiconductor inc

  LPA2164ASOF Datasheet HTML 1Page - Lowpower Semiconductor inc LPA2164ASOF Datasheet HTML 2Page - Lowpower Semiconductor inc LPA2164ASOF Datasheet HTML 3Page - Lowpower Semiconductor inc LPA2164ASOF Datasheet HTML 4Page - Lowpower Semiconductor inc LPA2164ASOF Datasheet HTML 5Page - Lowpower Semiconductor inc LPA2164ASOF Datasheet HTML 6Page - Lowpower Semiconductor inc LPA2164ASOF Datasheet HTML 7Page - Lowpower Semiconductor inc LPA2164ASOF Datasheet HTML 8Page - Lowpower Semiconductor inc LPA2164ASOF Datasheet HTML 9Page - Lowpower Semiconductor inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
Preliminary Datasheet
LPA2164A
LPA2164A–00
Version 1.0 May.-2013
Email: marketing@lowpowersemi.com
www.lowpowersemi.com
Page 2 of 15
Typical Application Circuit
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
PGND
VIN
EN
AGND
SD
BYP
IN-
IN+
MODE
OUT-
VDD
GND
OUT+
SW
NC
FB
16
14
5
6
9
8
13
11
12
10
2
3
FB
SW
SD
BYP
MODE
IN+
OUT+
VDD
GND
OUT-
VIN
EN
LPA2164A
VCC
C1
C2
104
22uF
L1
4.7uH
SS34
C3
C5
470uF
C4
10uF
104
C6
22pF
OPTIONAL
R2
ON
OFF
AB
ON
OFF
C7
105
C11
105
SPEAKER
7 IN-
C8
R6
4
AGND
C10
105
D
R1
INPUT-N
C9
R7
INPUT-P
10nF
10R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com