Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPA2164ASOF Datasheet(PDF) 4 Page - Lowpower Semiconductor inc

Part # LPA2164ASOF
Description  6W Class- F Audio Amplifier With Boost Convertor Integrated
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LPA2164ASOF Datasheet(HTML) 4 Page - Lowpower Semiconductor inc

  LPA2164ASOF Datasheet HTML 1Page - Lowpower Semiconductor inc LPA2164ASOF Datasheet HTML 2Page - Lowpower Semiconductor inc LPA2164ASOF Datasheet HTML 3Page - Lowpower Semiconductor inc LPA2164ASOF Datasheet HTML 4Page - Lowpower Semiconductor inc LPA2164ASOF Datasheet HTML 5Page - Lowpower Semiconductor inc LPA2164ASOF Datasheet HTML 6Page - Lowpower Semiconductor inc LPA2164ASOF Datasheet HTML 7Page - Lowpower Semiconductor inc LPA2164ASOF Datasheet HTML 8Page - Lowpower Semiconductor inc LPA2164ASOF Datasheet HTML 9Page - Lowpower Semiconductor inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
Preliminary Datasheet
LPA2164A
LPA2164A–00
Version 1.0 May.-2013
Email: marketing@lowpowersemi.com
www.lowpowersemi.com
Page 4 of 15
Electrical Characteristics For Amplifier
(TA = 25° C, unless otherwise specified)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Units
Class-D
Class-AB
Supply power
VIN
2.5
6.0
V
Output power
PO
THD+N=10%,
f=1KHz,RL=4Ω
VDD=6.0V
4.8
4.7
W
VDD=5.0V
3.2
3.2
THD+N=10%,
f=1KHz,RL=3Ω
VDD=6.0V
6.0
5.9
VDD=5.0V
3.8
3.7
THD+N=1%,
f=1KHz,RL=4Ω
VDD=6.0V
3.4
3.6
VDD=5.0V
2.5
2.6
THD+N=1%,
f=1KHz,RL=3Ω
VDD=6.0V
4.8
4.7
VDD=5.0V
3.1
3.2
Power supply
ripple
rejection
PSRR
INPUT
ac-grounded
with
CIN=0.47uF,
VDD=6.0V
f=100HZ
75
dB
f=1KHz
50
Signal-to-nois
e ratio
SNR
VDD=5V,POUT=0.5W,RL
=2Ω
f=1KHz
90
91
dB
Eifficency
η
RL=4Ω,PO=0.6W
f=1KHz
88
%
Quiescent
current
IQ
VDD=5.0V
No load
4.65
7
mA
Shutdown
current
ISD
2
uA
Offset output
voltage
VOS
VDD=5.0V, VSD =0V
1.1
2
mV
Frequency for
class_D
fsw
480
KHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com