Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPM3686 Datasheet(PDF) 16 Page - Monolithic Power Systems

Part # MPM3686
Description  18V 20A Step-Down Power Module in 12x15x4mm QFN
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MPM3686 Datasheet(HTML) 16 Page - Monolithic Power Systems

Back Button MPM3686 Datasheet HTML 11Page - Monolithic Power Systems MPM3686 Datasheet HTML 12Page - Monolithic Power Systems MPM3686 Datasheet HTML 13Page - Monolithic Power Systems MPM3686 Datasheet HTML 14Page - Monolithic Power Systems MPM3686 Datasheet HTML 15Page - Monolithic Power Systems MPM3686 Datasheet HTML 16Page - Monolithic Power Systems MPM3686 Datasheet HTML 17Page - Monolithic Power Systems MPM3686 Datasheet HTML 18Page - Monolithic Power Systems MPM3686 Datasheet HTML 19Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 16 / 19 page
background image
MPM3686 – 18V 20A STEP-DOWN POWER MODULE
MPM3686 Rev. 1.02
www.MonolithicPower.com
16
10/13/2016
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2016 MPS. All Rights Reserved.
APPLICATION INFORMATION
Setting
the
Output
Voltage-Small
ESR
Capacitors
When the output capacitors are all ceramic
capacitors or capacitors with small ESR, external
RAMP is injected through the R/C network
across the inductor. The circuit connection is as
follows:
Figure 8
Here is the procedure to find the values for Ctrim
and Rtrim:
a) Determine the Ton
FREQ
ON
IN
5.3 R
(K )
T(ns)
V(V) 0.4

(10)
b) Determine Ctrim. Choose a VRAMP around
10mV-30mV for most of the applications.
)
ns
(
T
)
V
(
V
)
K
(
R
)
V
(
V
)
V
(
V
)
pF
(
C
ON
RAMP
OUT
IN
TRIM
3
(11)
c) Find the average feedback voltage VFB
RAMP
FB _ AVG
REF
V(V)
V(V) V
(V)
2

(12)
d) Calculate Rtrim to get the desired output
voltage:
)
K
(
)
)
V
(
V
)
V
(
V
(
)
K
(
R
AVG
_
FB
OUT
o
10
1
(13)
O
TRIM
O
R (K ) 300(K )
R(K )
300(K ) R (K )



(14)
Setting
the
Output
Voltage-Large
ESR
Capacitors
If one or more piece of the output capacitors
have large ESR, then there is no need of external
RAMP. Otherwise, it’ll generate group pulses at
light
load
conditions.
The
Ctrim
is
still
recommended to boost the phase margin of the
system. A value between 100pF and 2.2nF is
recommended. The circuit connection can be
made as the following:
Figure 9
The Rtrim can be determined as follows to obtain
the desired output voltage:
OUT
REF
TRIM
REF
VV
R(K )
10
V
 
(15)
Input Capacitor
The input current to the step-down power module
is discontinuous, and therefore, it requires a
capacitor to supply the AC current to the step-
down power module while maintaining the DC
input voltage. Use ceramic capacitors for best
performance. During layout, Place the input
capacitors as close to the IN and GND pins as
possible.
The capacitance can vary significantly with
temperature. Use capacitors with X5R or X7R
ceramic dielectrics because they are fairly stable
over a wide temperature range.
The capacitors must also have a ripple current
rating that exceeds the converter’s maximum
input ripple current. Estimate the input ripple
current as follows:
)
V
V
1
(
V
V
I
I
IN
OUT
IN
OUT
OUT
CIN
(16)
The worst-case condition occurs at VIN = 2VOUT,
where:
2
I
I
OUT
CIN
(17)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com