Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPM3686 Datasheet(PDF) 11 Page - Monolithic Power Systems

Part # MPM3686
Description  18V 20A Step-Down Power Module in 12x15x4mm QFN
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MPM3686 Datasheet(HTML) 11 Page - Monolithic Power Systems

Back Button MPM3686 Datasheet HTML 7Page - Monolithic Power Systems MPM3686 Datasheet HTML 8Page - Monolithic Power Systems MPM3686 Datasheet HTML 9Page - Monolithic Power Systems MPM3686 Datasheet HTML 10Page - Monolithic Power Systems MPM3686 Datasheet HTML 11Page - Monolithic Power Systems MPM3686 Datasheet HTML 12Page - Monolithic Power Systems MPM3686 Datasheet HTML 13Page - Monolithic Power Systems MPM3686 Datasheet HTML 14Page - Monolithic Power Systems MPM3686 Datasheet HTML 15Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
MPM3686 – 18V 20A STEP-DOWN POWER MODULE
MPM3686 Rev. 1.02
www.MonolithicPower.com
11
10/13/2016
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2016 MPS. All Rights Reserved.
OPERATION
Power Module Operation
The MPM3686 is a high performance single
output synchronous switching mode DC-to-DC
power supply. It can deliver 20A continuous
output current. The MPM3686 can provide an
output voltage from 0.65V to 5V over a 4.5V to
18V (or 2.5V to 18V with 5V external VCC bias)
wide input voltage range.
The MPM3686 is a complete power solution. It
integrates a constant-on-time (COT) control DC-
to-DC regulator, power devices, an inductor,
input/output
capacitors
and
some
other
supporting resistors and small capacitors. It only
needs as few as one external resistor and one
external small capacitor to operate.
The MPM3686 is controlled by both the VCC
voltage and the EN signal. It can only be turned
on when both voltages are higher than the
thresholds.
The switching frequency is determined by a
frequency set resistor. The default switching
frequency with the integrated resistor is shown in
table
1.
The
default
switching
frequency
increases with the output voltage. The switching
frequency can also be programmed externally in
the range of 200KHz to 1000KHz. The details
can be found in the section of “SWITCHING
FREQUENCY SETTING” on Page 12.
The MPM3686 utilizes constant-on-time control.
It has sufficient stability margin with simple loop
compensation. And it provides very good
transient response with a wide range of output
capacitors,
even
with
all
ceramic
output
capacitors.
The MPM3686 has a variable soft start timer to
smooth-out the output voltage during start-up.
The default (with SS pin floating) soft start timer
is about 3ms. The soft-start time can be
extended by adding a capacitor between SS pin
and AGND pin.
PWM Operation
The MPM3686 uses Constant-on-time (COT)
control to provide a fast transient response and
ease loop stabilization.
At the beginning of each cycle, the high-side
MOSFET (HS-FET) turns ON when the feedback
voltage (VFB) drops below the reference voltage
(VREF), which indicates an insufficient output
voltage. The input voltage and the frequency-set
resistor determine the ON period as follows:
FREQ
ON
IN
6.1 R
(k )
T(ns)
V(V) 0.4

(1)
After the ON period elapses, the HS-FET turns
off. It turns ON again when VFB drops below VREF.
By repeating this operation, the converter
regulates the output voltage to the desired level.
The integrated low-side MOSFET (LS-FET) turns
on when the HS-FET is OFF to minimize the
conduction loss. There is a dead short (or shoot-
through) between input and GND if both HS-FET
and LS-FET turn on at the same time. A dead-
time (DT) internally generated between HS-FET
OFF and LS-FETON, or LS-FET OFF and HS-
FET ON avoids shoot-through.
Heavy-Load Operation
Figure 2—Heavy Load Operation
When the output current is high and the inductor
current is always above zero amps, it is called
continuous-conduction-mode (CCM). Figure 2
shows the CCM operation. When VFB is below
VREF, HS-FET turns on for a fixed interval
determined by the one-shot on-timer as per
equation 1. When the HS-FET turns off, the LS-
FET turns on until the next period.
In CCM operation, the switching frequency is
fairly constant and is also called PWM mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com