Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPM3686 Datasheet(PDF) 7 Page - Monolithic Power Systems

Part # MPM3686
Description  18V 20A Step-Down Power Module in 12x15x4mm QFN
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MPM3686 Datasheet(HTML) 7 Page - Monolithic Power Systems

Back Button MPM3686 Datasheet HTML 3Page - Monolithic Power Systems MPM3686 Datasheet HTML 4Page - Monolithic Power Systems MPM3686 Datasheet HTML 5Page - Monolithic Power Systems MPM3686 Datasheet HTML 6Page - Monolithic Power Systems MPM3686 Datasheet HTML 7Page - Monolithic Power Systems MPM3686 Datasheet HTML 8Page - Monolithic Power Systems MPM3686 Datasheet HTML 9Page - Monolithic Power Systems MPM3686 Datasheet HTML 10Page - Monolithic Power Systems MPM3686 Datasheet HTML 11Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
MPM3686 – 18V 20A STEP-DOWN POWER MODULE
MPM3686 Rev. 1.02
www.MonolithicPower.com
7
10/13/2016
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2016 MPS. All Rights Reserved.
PIN FUNCTIONS
Pin #
Name
Description
1, 2, 55, 58,
60
AGND
Analog/Signal Ground. It needs to be connected to GND on PCB layout.
3
>DC_trim
Output Voltage DC Trimming. Connect this pin to pin DC_trim> first, and then to the
output voltage sense point through a resistor. The resistor value can be chosen
based on equation 1.
4,6,23, 32,
44, 49
N/C
Not connected. Keep these pins floating.
5
AC_trim
Output Voltage AC Trimming. Connect these pins to the output through a capacitor.
The capacitor value can be chosen based on equation 2.
7- 22, 61, 62
SW
Switch Output. Keep them floating.
24-31, 63
VOUT
Module voltage output node.
33- 43, 64
GND
System Power Ground. Reference ground of the regulated output voltage. PCB
layout requires extra care. Connect using wide PCB traces.
45-48, 65
VIN
Supply Voltage. Supply power to the internal MOSFET and regulator. The MPM3686
operates from a +2.5V to +18V input rail with 5V external bias and from a +4.5V to
+18V input rail with internal bias. It requires input decoupling capacitors. Connect
using wide PCB traces and multiple vias.
50
>FREQ
Frequency Set In. An internal 430K frequency set resistor is used if connecting this
pin to Pin FREQ<. Keep this pin floating if values other than 300K are needed.
51
EN
Enable. Digital input that turns the regulator on or off. Drive EN high to turn on the
regulator, drive it low to turn it off. Connect EN to IN through a pull-up resistor or a
resistive voltage divider for automatic startup. Do not float this pin.
52
FREQ>
Frequency Set Out. An internal 430K frequency set resistor is used if connecting this
pin to Pin FREQ>. If values other than 430K are needed, connect the resistor
between this pin and pin VIN.
53
DC_trim>
Output Voltage DC Trimming. Connect this pin to pin >DC_trim first, and then to the
output voltage sense point through a resistor. The resistor value can be chosen
based on equation 1.
54
SS
Soft Start. Floating this pin has the default 3ms SS time. The SS time can be
extended by connecting an external capacitor between SS and AGND pins.
56
PG
Power Good. The output is an open drain signal. Require a pull-up resistor to a DC
voltage to indicate high if the output voltage exceeds 91% of the nominal voltage.
There is a 2.5ms delay from FB ≥ 91% to PG goes high.
57
VCC
Internal 4.8V LDO Output. Power the driver and control circuits. Keep this pin floating.
Applying a 5V external bias can disable the internal LDO to boost the efficiency.
59
BST
Bootstrap. Keep this pin floating.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com