Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPM3686 Datasheet(PDF) 5 Page - Monolithic Power Systems

Part # MPM3686
Description  18V 20A Step-Down Power Module in 12x15x4mm QFN
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MPM3686 Datasheet(HTML) 5 Page - Monolithic Power Systems

  MPM3686 Datasheet HTML 1Page - Monolithic Power Systems MPM3686 Datasheet HTML 2Page - Monolithic Power Systems MPM3686 Datasheet HTML 3Page - Monolithic Power Systems MPM3686 Datasheet HTML 4Page - Monolithic Power Systems MPM3686 Datasheet HTML 5Page - Monolithic Power Systems MPM3686 Datasheet HTML 6Page - Monolithic Power Systems MPM3686 Datasheet HTML 7Page - Monolithic Power Systems MPM3686 Datasheet HTML 8Page - Monolithic Power Systems MPM3686 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
MPM3686 – 18V 20A STEP-DOWN POWER MODULE
MPM3686 Rev. 1.02
www.MonolithicPower.com
5
10/13/2016
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2016 MPS. All Rights Reserved.
ELECTRICAL CHARACTERISTICS
VIN = 12V, VOUT = 1.2V, Rtrim =10kΩ, Ctrim =560pF, TJ = 25C, unless otherwise noted.
Parameters
Symbol
Condition
Min
Typ
Max
Units
Input Voltage Range
Input Voltage Range
VIN
5V External VCC
2.5
18
V
4.5
18
V
Output Voltage
Output Voltage Range 6)
VOUT RANGE
0.65
5
V
Output Voltage Accuracy (Load
Regulation) 6)
VOUT_DC_Load
COUT =5X47μF Ceramic,
IOUT =0A to 20A
±0.5
%Vout
Output Voltage Accuracy (Line
Regulation) 6)
VOUT_DC_Line
COUT =5X47μF Ceramic,
VIN =4.5V to 18V, IOUT =5A
±0.4
%Vout
Quiescent Current
Quiescent Current
IIN
VEN =2V, VFB=0.65V
700
860
1000
uA
Current Limit
Output Current Limit
ILIM
20
25
30
A
Switching Frequency 6)
Switching Frequency
fSW
IOUT=5A
400
500
600
kHz
Over-voltage and Under-voltage Protection
OVP Non-latch Threshold 7)
VOVP_NON-
LATCH
With negative current limit
117%
120%
123%
VFB
OVP Threshold 6)
VOVP TH
No negative current limit
127%
130%
133%
VFB
UVP Threshold 6)
VUVP
47%
50%
53%
VFB
Reference And Soft Start
Reference Voltage 8)
VREF
TJ = 0C to +70C
608
611
614
mV
TJ = 0C to +120C
605
611
617
mV
TJ = -40C to +125C
602
611
620
mV
Soft Start Time
tSS
2
2.8
3.6
ms
Timer 6)
Minimum ON Time
TON MIN
20
30
40
ns
Minimum OFF Time
TOFF MIN
200
360
420
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com