Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPM3686 Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MPM3686
Description  18V 20A Step-Down Power Module in 12x15x4mm QFN
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MPM3686 Datasheet(HTML) 1 Page - Monolithic Power Systems

  MPM3686 Datasheet HTML 1Page - Monolithic Power Systems MPM3686 Datasheet HTML 2Page - Monolithic Power Systems MPM3686 Datasheet HTML 3Page - Monolithic Power Systems MPM3686 Datasheet HTML 4Page - Monolithic Power Systems MPM3686 Datasheet HTML 5Page - Monolithic Power Systems MPM3686 Datasheet HTML 6Page - Monolithic Power Systems MPM3686 Datasheet HTML 7Page - Monolithic Power Systems MPM3686 Datasheet HTML 8Page - Monolithic Power Systems MPM3686 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
MPM3686
18V 20A Step-Down Power Module
in 12x15x4mm QFN
MPM3686 Rev. 1.02
www.MonolithicPower.com
1
10/13/2016
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2016 MPS. All Rights Reserved.
The Future of Analog IC Technology
DESCRIPTION
The MPM3686 is an easy-to-use fully integrated
20A step-down DC/DC power module. It
integrates the DC/DC converter, power inductor,
input/output capacitors and the necessary
resistors/capacitors
in
a
compact
QFN
12mmX15mmX4mm package. This total power
solution needs as few as two external
components (one resistor and one capacitor) to
work. MPM3686 can deliver 20A output current
over a wide input supply voltage range with
excellent load and line regulation.
The MPM3686 uses Constant-On-Time (COT)
control to provide fast transient response and
ease the loop stabilization.
The default under voltage lockout threshold is
internally set around 4.1V, but a resistor
network on the enable pin can increase this
threshold. The MPM3686 has an internal LDO
to power the control circuits and the integrated
power devices. This LDO can be disabled by an
external 5V to boost the efficiency.
The MPM3686 has an internal about 3ms soft
start (SS) timer. It can be increased with an
extra SS capacitor. An open drain power good
signal indicates that the output voltage is within
nominal voltage range.
The MPM3686 has fully integrated protection
features that include over-current protection,
over-voltage protection and thermal shutdown.
FEATURES
 Complete 20A DC-to-DC Solution
 Wide Input Voltage Range from 2.5V:
-- 2.5V to 18V with External 5V Bias
-- 4.5V to 18V with Internal Bias
 1% Reference Voltage Over 0˚C to 70˚C
Junction Temperature Range
 Adaptive
COT
Control
for
Ultrafast
Transient Response
 Programmable Switching Frequency from
200KHz to 1MHz
 Support Pre-Bias Start Up
 Programmable Soft-Start Time with Default
3ms
 Non-latch
OCP,
OVP
and
Thermal
Shutdown
 Output Adjustable from 0.65V to 5V
 QFN-65 (12mmx15mmx4mm) Package
APPLICATIONS
 Telecom and Networking Systems
 Base Stations
 Servers
 Personal Video Recorders
 Flat Panel Television and Monitors
 Distributed Power Systems
All MPS parts are lead-free, halogen-free, and adhere to the RoHS directive.
For MPS green status, please visit the MPS website under Quality
Assurance.
“MPS” and “The Future of Analog IC Technology” are registered trademarks of
Monolithic Power Systems, Inc.


Similar Part No. - MPM3686

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MPM3680 MPS-MPM3680 Datasheet
2Mb / 19P
18V 6A Step-Down Power Module in 12x12x4mm QFN
MPM3680GRE MPS-MPM3680GRE Datasheet
2Mb / 19P
18V 6A Step-Down Power Module in 12x12x4mm QFN
MPM3682 MPS-MPM3682 Datasheet
1Mb / 19P
18V 10A Step-Down Power Module in 12x12x4mm QFN
MPM3682GRE MPS-MPM3682GRE Datasheet
1Mb / 19P
18V 10A Step-Down Power Module in 12x12x4mm QFN
MPM3683-10 MPS-MPM3683-10 Datasheet
741Kb / 24P
2.7V to 16V, 10A, Step-Down Power Module
More results

Similar Description - MPM3686

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MPQ8636-10 MPS-MPQ8636-10 Datasheet
2Mb / 41P
High Efficiency, 10/20A, 18V Synchronous, Step-Down Converter
MPQ8636-20 MPS-MPQ8636-20 Datasheet
2Mb / 41P
High Efficiency, 10/20A, 18V Synchronous, Step-Down Converter
MPQ8636GV MPS-MPQ8636GV Datasheet
718Kb / 24P
High Efficiency, 20A, 18V Synchronous, Step-Down Converter
MPM3680 MPS-MPM3680 Datasheet
2Mb / 19P
18V 6A Step-Down Power Module in 12x12x4mm QFN
MPM3682 MPS-MPM3682 Datasheet
1Mb / 19P
18V 10A Step-Down Power Module in 12x12x4mm QFN
MPM3684 MPS-MPM3684 Datasheet
1Mb / 19P
18V 15A Step-Down Power Module in 12x15x4mm QFN
EVM3680-RE-00A MPS-EVM3680-RE-00A Datasheet
493Kb / 7P
18V 6A Step-Down Power Module Evaluation Board
EVM3684-RU-00A MPS-EVM3684-RU-00A Datasheet
497Kb / 7P
18V 15A Step-Down Power Module Evaluation Board
EVM3686-RU-00A MPS-EVM3686-RU-00A Datasheet
448Kb / 7P
18V 20A Step-Down Power Module Evaluation Board
MPM3683-7 MPS-MPM3683-7 Datasheet
827Kb / 26P
2.7V-16V, 8A, Step-Down Power Module in QFN (7x7x4mm) Package
7/27/2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com