Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPM3686 Datasheet(PDF) 10 Page - Monolithic Power Systems

Part # MPM3686
Description  18V 20A Step-Down Power Module in 12x15x4mm QFN
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MPM3686 Datasheet(HTML) 10 Page - Monolithic Power Systems

Back Button MPM3686 Datasheet HTML 6Page - Monolithic Power Systems MPM3686 Datasheet HTML 7Page - Monolithic Power Systems MPM3686 Datasheet HTML 8Page - Monolithic Power Systems MPM3686 Datasheet HTML 9Page - Monolithic Power Systems MPM3686 Datasheet HTML 10Page - Monolithic Power Systems MPM3686 Datasheet HTML 11Page - Monolithic Power Systems MPM3686 Datasheet HTML 12Page - Monolithic Power Systems MPM3686 Datasheet HTML 13Page - Monolithic Power Systems MPM3686 Datasheet HTML 14Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
MPM3686 – 18V 20A STEP-DOWN POWER MODULE
MPM3686 Rev. 1.02
www.MonolithicPower.com
10
10/13/2016
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2016 MPS. All Rights Reserved.
BLOCK DIAGRAM
FREQ>
VCC
EN
DC_trim>
PG
IN
BST
VOUT
PGND
HS-FET
HS Driver
LS-FET
LS Driver
ZCD Current
Modulator
LOGIC
BST BIAS
FB Comparator
UV
OV
UV Detect
Comparator
OV Detect
Comparator
PGOOD Comparator
SOFT START/STOP
REFERENCE
VCC
LDO
ON Timer
Minimum
OFF Timer
VCC
LS Current Limit
AC_trim
>DC_trim
AGND
SS
430K
>FREQ
10K
1K
300K
30uF
5.7uF
1uF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com