Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPM3686 Datasheet(PDF) 6 Page - Monolithic Power Systems

Part # MPM3686
Description  18V 20A Step-Down Power Module in 12x15x4mm QFN
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MPM3686 Datasheet(HTML) 6 Page - Monolithic Power Systems

Back Button MPM3686 Datasheet HTML 2Page - Monolithic Power Systems MPM3686 Datasheet HTML 3Page - Monolithic Power Systems MPM3686 Datasheet HTML 4Page - Monolithic Power Systems MPM3686 Datasheet HTML 5Page - Monolithic Power Systems MPM3686 Datasheet HTML 6Page - Monolithic Power Systems MPM3686 Datasheet HTML 7Page - Monolithic Power Systems MPM3686 Datasheet HTML 8Page - Monolithic Power Systems MPM3686 Datasheet HTML 9Page - Monolithic Power Systems MPM3686 Datasheet HTML 10Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
MPM3686 – 18V 20A STEP-DOWN POWER MODULE
MPM3686 Rev. 1.02
www.MonolithicPower.com
6
10/13/2016
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2016 MPS. All Rights Reserved.
ELECTRICAL CHARACTERISTICS
VIN = 12V, VOUT = 1.2V, Rtrim =10kΩ, Ctrim =560pF, TJ = 25C, unless otherwise noted.
Parameters
Symbol
Condition
Min
Typ
Max
Units
Power Good
Power Good Rising Threshold
7)
PGVth-Hi
87%
91%
94%
VFB
Power Good Falling Threshold
7)
PGVth-Lo
80%
VFB
Power Good Low to High Delay
7)
PGTd
2.5
ms
Power Good Sink Current
Capability 7)
IOL
VOL=600mV
12
mA
Power Good Leakage Current
7)
IPG_LEAK
VPG=3.3V
0.01
uA
PG Low-Level Output Voltage
VOL_100
VIN=0V, Pull PGood up to
3.3V through a 100KΩ
resistor.
500
550
600
mV
VOL_10
VIN=0V, Pull PGood up to
3.3V through a 10KΩ
resistor.
600
650
700
mV
Enable 7)
Enable Input Low Voltage
VILEN
1.1
1.3
1.5
V
Enable Hysteresis
VEN-HYS
250
mV
Enable Input Current
IEN
VEN = 2V
0
μA
VCC Regulator 7)
VCC Under Voltage Lockout
Threshold Rising
VCCVth
3.8
V
VCC Under Voltage Lockout
Threshold Hysteresis
VCCHYS
500
mV
VCC Regulator
VCC
4.8
V
VCC Load Regulation
Icc=5mA
0.5
%
Thermal Protection 6)
Thermal Shutdown
TSD
150
°C
Thermal Shutdown Hysteresis
25
°C
Notes:
6) Guaranteed by design
7) 100% tested for internal IC prior to module assembly
8) Guaranteed by production test and/or characterization for internal IC prior to module assembly



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com