Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPM3686 Datasheet(PDF) 14 Page - Monolithic Power Systems

Part # MPM3686
Description  18V 20A Step-Down Power Module in 12x15x4mm QFN
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MPM3686 Datasheet(HTML) 14 Page - Monolithic Power Systems

Back Button MPM3686 Datasheet HTML 10Page - Monolithic Power Systems MPM3686 Datasheet HTML 11Page - Monolithic Power Systems MPM3686 Datasheet HTML 12Page - Monolithic Power Systems MPM3686 Datasheet HTML 13Page - Monolithic Power Systems MPM3686 Datasheet HTML 14Page - Monolithic Power Systems MPM3686 Datasheet HTML 15Page - Monolithic Power Systems MPM3686 Datasheet HTML 16Page - Monolithic Power Systems MPM3686 Datasheet HTML 17Page - Monolithic Power Systems MPM3686 Datasheet HTML 18Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 19 page
background image
MPM3686 – 18V 20A STEP-DOWN POWER MODULE
MPM3686 Rev. 1.02
www.MonolithicPower.com
14
10/13/2016
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2016 MPS. All Rights Reserved.
Figure 6
Soft Start
The MPM3686 employs a soft start (SS)
mechanism to ensure a smooth output during
power-up. When the EN pin goes high, an
internal current source (20μA) charges the SS
capacitor. The SS capacitor voltage takes over
the REF voltage to the PWM comparator. The
output voltage smoothly ramps up with the SS
voltage. Once the SS voltage reaches the REF
voltage, it continues ramping up while VREF takes
over the PWM comparator. At this point, soft start
finishes and the device enters steady state
operation.
An internal 100nF SS capacitor is used. So the
default (with SS pin floating) SS time can be
estimated as:
REF
SS
SS
100(nF) V
(V)
T(ms)
I(uA)
(8)
So the default SS time is about 3ms.
If longer SS time is needed, an external SS
capacitor can be added between SS pin and
AGND pin. The external capacitor value can be
determined as follows:
SS
SS
SS
REF
T(ms) I (uA)
C (nF)
100(nF)
V(V)

(9)
Pre-Bias Startup
The MPM3686 has been designed for monotonic
startup into pre-biased loads. If the output is pre-
biased to a certain voltage during startup, the IC
will disable switching for both high-side and low-
side switches until the voltage
on the soft-start capacitor exceeds the sensed
output voltage at the FB pin.
Power Good (PG)
The MPM3686 has a power-good (PG) output.
The PG pin is the open drain of a MOSFET.
Connect it to VCC or some other voltage source
that measures less than 5.5V through a pull-up
resistor (typically 100kΩ). After applying the input
voltage, the MOSFET turns on so that the PG pin
is pulled to GND before the SS is ready. After the
FB voltage reaches 91% of the REF voltage, the
PG pin is pulled high after a 2.5ms delay.
When the FB voltage drops to 80% of the REF
voltage or exceeds 120% of the nominal REF
voltage, the PG pin is pulled low.
If the input supply fails to power the MPM3686,
the PG pin is also pulled low even though this pin
is tied to an external DC source through a pull-up
resistor.
Over-Current Protection (OCP)
The MPM3686 features two current limit levels
for over-current conditions: low-side valley
current limit and low-side negative current limit.
Low-Side
Valley
Current
Limit
: The device
monitors the inductor current during the LS-FET
ON state. If the LS-FET sourcing current is
higher than the internal positive-valley-current
limit, the HS-FET remains OFF and the LS-FET
remains ON for the next ON time. When the LS-
FET sourcing current drops below the valley
current limit, then the LS-FET turns off and the
HS-FET turns on again.
The MPM3686 enters OCP non-latch protection
mode if the LS-FET sourcing valley current keeps
exceeding the valley current limit for a certain
period of time. During OCP, the device tries to
recover from the over-current fault with hiccup
mode: the chip disables the output power stage,
discharges the soft-start capacitor and then
automatically
retries
soft-start.
The
device
repeats this operation cycle as long as the over-
current condition still exists. When the over-
current condition disappears, the MPM3686
initiates a new SS to rise back to regulation level.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com