Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP4056GS Datasheet(PDF) 18 Page - Monolithic Power Systems

Part # MP4056GS
Description  TRIAC Dimmable, Non-isolated Offline LED Controller with Active PFC
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP4056GS Datasheet(HTML) 18 Page - Monolithic Power Systems

Back Button MP4056GS Datasheet HTML 14Page - Monolithic Power Systems MP4056GS Datasheet HTML 15Page - Monolithic Power Systems MP4056GS Datasheet HTML 16Page - Monolithic Power Systems MP4056GS Datasheet HTML 17Page - Monolithic Power Systems MP4056GS Datasheet HTML 18Page - Monolithic Power Systems MP4056GS Datasheet HTML 19Page - Monolithic Power Systems MP4056GS Datasheet HTML 20Page - Monolithic Power Systems MP4056GS Datasheet HTML 21Page - Monolithic Power Systems MP4056GS Datasheet HTML 22Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 26 page
background image
MP4056—TRIAC DIMMABLE, NON-ISOLATED OFFLINE LED CONTROLLER WITH APFC
MP4056 Rev.1.01
www.MonolithicPower.com
18
11/9/2016
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2016 MPS. All Rights Reserved.
Output Over-Voltage Protection (OVP)
Output over-voltage protection (OVP) prevents
the components from over-voltage damage. The
auxiliary winding voltage’s positive plateau is
proportional to the output voltage, so the OVP
block monitors this auxiliary winding voltage to
apply an OVP function, as shown in Figure 7.
Once the ZCD pin voltage exceeds VZCD_OVP, the
OVP signal is triggered, the gate driver turns off,
the IC works in its quiescent current mode. When
the
VCC
voltage
drops
below
the
UVLO
threshold, the IC shuts down and the system
restarts. The output OVP set point is calculated
as:
aux
ZCD2
out _ ovp
ZCD _ OVP
sec
ZCD1
ZCD2
NR
VV
N
R
R
Where:
Vout-ovp is the output OVP threshold,
Naux is the turns of auxiliary winding, and
Nsec is the turns of secondary winding
+
tOVP_LEB
Blanking
Vcc
ZCD
Auxiliary Winding
RZCD1
OVP
signal
VZCD_OVP
Latch
RZCD2
Figure 7: OVP Sampling Circuit
To avoid switch-off spikes mis-triggering OVP,
OVP sampling has a tOVP_LEB blanking period, as
shown in Figure 8.
VZCD
0V
tOVP_LEB
Sampling Here
Figure 8: ZCD Voltage and OVP Sampling
Cycle by Cycle Current Limit
There is cycle by cycle current limit on the S pin,
when the voltage on S pin reaches VS_CLAMP_H
after a blanking time, the switching will turn off to
limit the peak current value.
Over-Current Protection (OCP)
The
S
pin
has
an
internally-integrated
comparator for inductor OCP. When the gate is
on, the comparator is enabled. Over-current
occurs when VS exceeds VOCP after a blanking
time. The IC shuts down and restarts after VCC
drops below UVLO. The OCP function block
diagram is shown in Figure 9.
S
D
tLEB_OCP
OCP
VOCP
Gate
Rs
ILm
latch
Blanking
Figure 9: Over-Current Protection Circuit
LED Short Circuit Protection (SCP)
When the LED Short Circuit occurs, IC reduces
the switching frequency to 7kHz. The output
power at this condition is limited to a safe range.
ZCD Pin Short Circuit Protection
If ZCD pin voltage is less than VZCD_SC lasts
longer than tZCD_SC_LEB, it is recognized as ZCD
pin short circuit. The MP4056 stops the switching
until VCC drops below UVLO and restarts.
This prevents the components from over-voltage
damage if LED load opens while ZCD shorts at
the same time.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com