Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP4056GS Datasheet(PDF) 5 Page - Monolithic Power Systems

Part # MP4056GS
Description  TRIAC Dimmable, Non-isolated Offline LED Controller with Active PFC
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP4056GS Datasheet(HTML) 5 Page - Monolithic Power Systems

  MP4056GS Datasheet HTML 1Page - Monolithic Power Systems MP4056GS Datasheet HTML 2Page - Monolithic Power Systems MP4056GS Datasheet HTML 3Page - Monolithic Power Systems MP4056GS Datasheet HTML 4Page - Monolithic Power Systems MP4056GS Datasheet HTML 5Page - Monolithic Power Systems MP4056GS Datasheet HTML 6Page - Monolithic Power Systems MP4056GS Datasheet HTML 7Page - Monolithic Power Systems MP4056GS Datasheet HTML 8Page - Monolithic Power Systems MP4056GS Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 26 page
background image
MP4056—TRIAC DIMMABLE, NON-ISOLATED OFFLINE LED CONTROLLER WITH APFC
MP4056 Rev.1.01
www.MonolithicPower.com
5
11/9/2016
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2016 MPS. All Rights Reserved.
ELECTRICAL CHARACTERISTICS
Typical values are VCC =20V, TJ = 25C, unless otherwise noted.
Minimum and maximum values are at VCC =20V, TJ = -40C to +125C, unless otherwise noted,
guaranteed by characterization.
Parameter
Symbol
Condition
Min
Typ
Max
Units
Supply Voltage
Operating Range
V
CC
After turn on
11
27
V
VCC Upper Level: Internal
Charging Circuit Stops and IC
Turns On
V
CCH
9.5
10
10.5
V
VCC Lower Level: Internal
Charging Circuit Triggers
V
CCL
8.55
9
9.45
V
VCC Re-charge and IC turns off
Level in Fault Condition
V
CCEN
Fault condition
6.55
7
7.45
V
Supply Current
VCC Charging Current from D
I
D_CHARGE
VD=16V, VCC=5V
13
25
40
mA
Pull Down Current at
VCC_UVLO
IVCC_PULL _DOWN VCC=9V, Rising
0.95
1.25
1.8
mA
Quiescent Current
I
Q
No switching, VCC=15V
800
1300
µA
Quiescent Current at Fault
I
Q_FAULT
Fault condition, IC latch,
VCC=15V
220
340
620
µA
Operating Current
I
CC
f
s =70kHz, VCC=15V
1
2
mA
Multiplier
Linear Operation Range
V
MULT
V
COMP from 1.9V to 4.9V
0
3
V
Gain
K(5)
V
COMP=2V, VMULT=0.5V
0.90
1.28
1.60
1/V
V
COMP=2V, VMULT=1.5V
0.90
1.25
1.60
1/V
V
COMP=2V, VMULT=3V
0.90
1.24
1.60
1/V
TRIAC Dimming Phase Off
Detection Threshold
V
MULT_OFF
0.08
0.10
0.12
V
TRIAC Dimming Phase On
Detection Threshold
V
MULT_ON
0.26
0.28
0.30
V
TRIAC Dimming Off Line-Cycle
Blanking Ratio
D
OFF_LEB
28%
30%
33%
Dimming Pull-Down Turn on
Threshold
V
MULT_DP_ON_TL
Trailing edge dimmer
0.43
0.45
0.47
V
V
MULT_DP_ON_LD
Leading edge dimmer
0.22
0.25
0.28
V
Dimming Pull-Down Turn off
Threshold
V
MULT_DP_OFF_TL
Trailing edge dimmer
0.26
0.28
0.30
V
V
MULT_DP_OFF_LD
Leading edge dimmer
0.32
0.35
0.38
V
Leading Edge Dimming
Detection Low Threshold
V
MULT_LD_LOW
0.08
0.10
0.12
V
Leading Edge Dimming
Detection High Threshold
V
MULT_LD_HIGH
0.26
0.28
0.30
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com