Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP4056GS Datasheet(PDF) 8 Page - Monolithic Power Systems

Part # MP4056GS
Description  TRIAC Dimmable, Non-isolated Offline LED Controller with Active PFC
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP4056GS Datasheet(HTML) 8 Page - Monolithic Power Systems

Back Button MP4056GS Datasheet HTML 4Page - Monolithic Power Systems MP4056GS Datasheet HTML 5Page - Monolithic Power Systems MP4056GS Datasheet HTML 6Page - Monolithic Power Systems MP4056GS Datasheet HTML 7Page - Monolithic Power Systems MP4056GS Datasheet HTML 8Page - Monolithic Power Systems MP4056GS Datasheet HTML 9Page - Monolithic Power Systems MP4056GS Datasheet HTML 10Page - Monolithic Power Systems MP4056GS Datasheet HTML 11Page - Monolithic Power Systems MP4056GS Datasheet HTML 12Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 26 page
background image
MP4056—TRIAC DIMMABLE, NON-ISOLATED OFFLINE LED CONTROLLER WITH APFC
MP4056 Rev.1.01
www.MonolithicPower.com
8
11/9/2016
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2016 MPS. All Rights Reserved.
ELECTRICAL CHARACTERISTICS (continued)
Typical values are VCC =20V, TJ = 25C, unless otherwise noted.
Minimum and maximum values are at VCC =20V, TJ = -40C to +125C, unless otherwise noted,
guaranteed by characterization.
Parameter
Symbol
Condition
Min
Typ
Max
Units
Internal Main MOSFET
Breakdown Voltage
BV
DSS_MAIN
V
GS=0
30
V
Drain-Source On-Resistor
R
DS(ON)_MAIN
I
D=100mA, TJ=25 °
C,
250
m
Ω
I
D=100mA, TJ=25 °C,
VCC= V
CCEN +50mV
250
m
Ω
Internal OVP Pull Up MOSFET
Breakdown Voltage
BV
DSS_D_VCC
30
V
Continue Drain Current
ID_D-VCC
10
17
27
mA
Internal Dimming Pull Down Current Source
Strong Dimming Pull Down
Current for leading edge
dimmer
I
DP_STRONG_LD
27
35
43
mA
Weak
Dimming
Pull
Down
Current
for
leading
edge
dimmer
I
DP_WEAK_LD
8
10
12
mA
Pull Down Current for Trailing
edge dimmer
I
DP_TL
133
150
167
mA
Min Clamp Ratio of Pull Down
Current
for
Trailing
edge
dimmer (I_Min/I_Normal)
13%
NTC
High Threshold Voltage
VH_NTC
1.14
1.2
1.36
V
Low Threshold Voltage
VL_NTC
0.70
0.80
0.90
V
Shutdown Threshold
VSD_NTC
0.32
0.38
0.44
V
Shutdown Voltage Hysteresis
VSD_NTC_HSY
80
100
120
mV
Pull Up Current Source
IPULL_UP_NTC
42
52
62
µA
Leakage Current
ILEAKAGE_NTC
1
µA
PWM Dimming Blanking Time
tPWM_LEB
20
ms
DAMP
Turn Off Threshold
VMULT_DAMP_OFF
0.22
0.25
0.28
V
Turn On Threshold
VMULT_DAMP_ON
0.32
0.35
0.38
V
Pull Down Current
IDAMP_PULL_DOWN VDAMP=5V
290
370
450
µA
Pull Up Current
IDAMP_PULL_UP
VDAMP=0.3V
70
90
110
µA
Upper Clamp Voltage
VDAMP_CLAMP_UP
13
15
16.5
V
Min Pull Up Voltage
VDAMP_MIN
VCC= V
CCEN +50mV
5.7
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com