Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP4056GS Datasheet(PDF) 21 Page - Monolithic Power Systems

Part # MP4056GS
Description  TRIAC Dimmable, Non-isolated Offline LED Controller with Active PFC
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP4056GS Datasheet(HTML) 21 Page - Monolithic Power Systems

Back Button MP4056GS Datasheet HTML 17Page - Monolithic Power Systems MP4056GS Datasheet HTML 18Page - Monolithic Power Systems MP4056GS Datasheet HTML 19Page - Monolithic Power Systems MP4056GS Datasheet HTML 20Page - Monolithic Power Systems MP4056GS Datasheet HTML 21Page - Monolithic Power Systems MP4056GS Datasheet HTML 22Page - Monolithic Power Systems MP4056GS Datasheet HTML 23Page - Monolithic Power Systems MP4056GS Datasheet HTML 24Page - Monolithic Power Systems MP4056GS Datasheet HTML 25Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 26 page
background image
MP4056—TRIAC DIMMABLE, NON-ISOLATED OFFLINE LED CONTROLLER WITH APFC
MP4056 Rev.1.01
www.MonolithicPower.com
21
11/9/2016
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2016 MPS. All Rights Reserved.
Opto-coupler
Circuit
DIM
Ra
LED String1:
LED String 2:
LED+
LED+
LED-
LED-
Figure 16: Color Temperature and Brightness
Control Circuit
The DIM pin of MP4056 outputs a driving signal
for an external MOSFET. The DIM signal logic
waveforms are shown in Figure 17.
MULT
DIM Signal
30 % Line-cycle
blanking
Turn on cycle
detector output
Figure 17: Dim Signal Logic
DIM turn-on signal is the compliment signal of the
dimming turn-on signal. This means the longer
the dimming turn-on cycle, the smaller the DIM
turn-on cycle. When the dimming turn-on cycle is
greater than 70%, the DIM stays low, and the
output current flows only through the 1st LED
string. As the dimming turn-on cycle decreases,
the
DIM
turn-on
duty
cycle
proportionally
increases the 2nd LED string current. The total
current through the 1st string and the 2nd string
stays constant. This current balance achieves
color temperature and brightness control. The
maximum current through 2nd string is adjusted
by changing the resistance of Ra.
Dimming Depth Enlargement
Driving a MOSFET to pull down a resistor from
auxiliary winding to GND forms a dummy load,
which to help distribute the output current. The
DIM pin working timing makes the smaller
dimming duty cycle is, the bigger dummy load
distribution current is, the dimming depth is
enlarged. The dimming depth enlargement circuit
is shown in figure 18.
VCC
DIM
Figure 18: Dimming Depth Enlargement circuit
Programmable Thermal Fold-back (NTC)
The NTC pin is used as the LED programmable
thermal fold-back. A NTC resistor is connected to
this pin directly to monitor the LED temperature.
The LED current reduces as the voltage drops on
NTC. Figure 19 shows the NTC curve.
Io
Iset/3
0
VNTC
Iset
Figure 19: NTC Curve
If the voltage on the NTC pin is lower than the
VSD_NTC, the LED current drops to the minimum
value. The minimum output current is determined
by the minimum on time (LEB time) of the main
MOSFET.
Analog dimming with PWM Input
The MP4056 enables direct control of analog
dimming. Applying a PWM signal (>200Hz) on
NTC achieves analog dimming. The output
current will linearly change with the PWM duty
cycle from maximum to minimum. This feature
dramatically reduces the BOM cost for the PWM
dimming system.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com