Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP4056GS Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MP4056GS
Description  TRIAC Dimmable, Non-isolated Offline LED Controller with Active PFC
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP4056GS Datasheet(HTML) 1 Page - Monolithic Power Systems

  MP4056GS Datasheet HTML 1Page - Monolithic Power Systems MP4056GS Datasheet HTML 2Page - Monolithic Power Systems MP4056GS Datasheet HTML 3Page - Monolithic Power Systems MP4056GS Datasheet HTML 4Page - Monolithic Power Systems MP4056GS Datasheet HTML 5Page - Monolithic Power Systems MP4056GS Datasheet HTML 6Page - Monolithic Power Systems MP4056GS Datasheet HTML 7Page - Monolithic Power Systems MP4056GS Datasheet HTML 8Page - Monolithic Power Systems MP4056GS Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
MP4056
TRIAC Dimmable, Non-isolated
Offline LED Controller with Active PFC
MP4056 Rev.1.01
www.MonolithicPower.com
1
11/9/2016
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2016 MPS. All Rights Reserved.
DESCRIPTION
The
MP4056
is
a
non-isolated,
TRIAC-
dimmable, offline LED controller with active
PFC. It outputs an accurate LED current for an
non-isolated lighting application with a single-
stage converter.
The
MP4056
implements
power-factor
correction and works in boundary-conduction
mode to reduce MOSFET switching losses.
The adaptive dimmer type detection and phase-
cut-based
dimming
control
achieves
good
dimmer compatibility and deep dimming range.
The MP4056 has an integrated charging circuit
at the supply pin for fast start-up without a
perceptible delay.
With the unique control of DIM, the MP4056
supports color temperature and brightness
control for warm sunset dimming application.
The MP4056 has multiple protections that
greatly enhance system reliability and safety,
including output over-voltage protection, output
short-circuit protection, over-current protection,
programmable
thermal
fold-back
(MSOP10/SOIC14),
ZCD
pin
short
circuit
protection, supply-pin under-voltage lockout,
and over-temperature protection.
All fault protections feature auto-restart.
The MP4056 is available in SOIC-8/MSOP-
10/SOIC-14 package.
FEATURES
 Adaptive Dimmer Type Detection and
Phase-Cut-Based Dimming Control
 Good Dimmer Compatibility and Deep
Dimming Range
 PWM Input Analog Dimming
 Fast Start-Up without Perceptible Delay
 Programmable Current Fold-back to
Prolong the LED lifetime (NTC)
 Color Temperature and Brightness Control
for Warm Sunset Dimming application
 Accurate Line & Load Regulation
 High Power Factor
 Operates in Boundary Conduction Mode
 Cycle-by-Cycle Current Limit
 Over-current Protection
 Output Over-Voltage Protection
 Output Short-Circuit Protection
 ZCD Pin Short-Circuit Protection
 Over-Temperature Protection
 Available in SOIC-8/MSOP-10/SOIC-14
Package
APPLICATIONS
 Solid-State Lighting up to 50W
 Industrial and Commercial Lighting
 Residential Lighting
All MPS parts are lead-free, halogen free, and adhere to the RoHS directive. For
MPS green status, please visit MPS website under Quality Assurance.
“MPS” and “The Future of Analog IC Technology” are Registered Trademarks
of Monolithic Power Systems, Inc.


Similar Part No. - MP4056GS

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP4056GK MPS-MP4056GK Datasheet
375Kb / 15P
198VAC~265VAC/50Hz, 48V/340mA Low Cost, Non-isolated with Active PFC TRIAC Dimmable LED Driver Evaluation Board
More results

Similar Description - MP4056GS

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3799 LINER-LT3799 Datasheet
1Mb / 20P
Offline Isolated Flyback LED Controller with Active PFC
logo
Texas Instruments
LM3445MM TI-LM3445MM Datasheet
1Mb / 39P
Triac Dimmable Offline LED Driver
logo
Monolithic Power System...
MP4030 MPS-MP4030 Datasheet
643Kb / 21P
TRIAC-Dimmable, Primary-Side-Control Offline LED Controller with Active PFC
MP4031 MPS-MP4031 Datasheet
492Kb / 21P
TRIAC and Analog Dimmable, Primary-Side?밅ontrolled Offline LED Controller with Active PFC
logo
Linear Technology
LT3799 LINER-LT3799_15 Datasheet
265Kb / 20P
Offline Isolated Flyback LED Controller with Active PFC
LT3799-1 LINER-LT3799-1_15 Datasheet
216Kb / 20P
Offline Isolated Flyback LED Controller with Active PFC
logo
Monolithic Power System...
MP4030A MPS-MP4030A Datasheet
766Kb / 20P
TRIAC-Dimmable, Primary-Side-Control Offline LED Controller with Active PFC
MP4033 MPS-MP4033 Datasheet
1Mb / 25P
TRIAC Dimmable, Primary Side Control Offline LED Controller with Active PFC
MP4051 MPS-MP4051 Datasheet
600Kb / 16P
Non-isolated Solution Offline LED Controller with Active PFC
MP4054 MPS-MP4054 Datasheet
758Kb / 19P
Non-isolated Offline LED Controller with Active PFC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com