Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP4056GS Datasheet(PDF) 6 Page - Monolithic Power Systems

Part # MP4056GS
Description  TRIAC Dimmable, Non-isolated Offline LED Controller with Active PFC
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP4056GS Datasheet(HTML) 6 Page - Monolithic Power Systems

Back Button MP4056GS Datasheet HTML 2Page - Monolithic Power Systems MP4056GS Datasheet HTML 3Page - Monolithic Power Systems MP4056GS Datasheet HTML 4Page - Monolithic Power Systems MP4056GS Datasheet HTML 5Page - Monolithic Power Systems MP4056GS Datasheet HTML 6Page - Monolithic Power Systems MP4056GS Datasheet HTML 7Page - Monolithic Power Systems MP4056GS Datasheet HTML 8Page - Monolithic Power Systems MP4056GS Datasheet HTML 9Page - Monolithic Power Systems MP4056GS Datasheet HTML 10Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 26 page
background image
MP4056—TRIAC DIMMABLE, NON-ISOLATED OFFLINE LED CONTROLLER WITH APFC
MP4056 Rev.1.01
www.MonolithicPower.com
6
11/9/2016
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2016 MPS. All Rights Reserved.
ELECTRICAL CHARACTERISTICS (continued)
Typical values are VCC =20V, TJ = 25C, unless otherwise noted.
Minimum and maximum values are at VCC =20V, TJ = -40C to +125C, unless otherwise noted,
guaranteed by characterization.
Parameter
Symbol
Condition
Min
Typ
Max
Units
Trailing
Edge
Dimming
Detection High Threshold
V
MULT_TL_HIGH
Rising, VMULT_PK
≥0.58V
Falling, VMULT_PK
≥0.50V
0.43
0.45
0.47
V
Rising,
0.58V>VMULT_PK
≥0.53V
Falling,
0.50V>VMULT_PK
≥0.45V
0.38
0.4
0.42
V
Rising,
0.53V>VMULT_PK
≥0.48V
Falling,
0.45V> VMULT_PK
≥0.40V(6)
0.35
V
Rising,
0.48V>VMULT_PK
≥0.43V
Falling,
0.40V>VMULT_PK
≥0.35V(6)
0.3
V
Rising,
0.43V>VMULT_PK
≥0.38V
Falling,
0.35V>VMULT_PK
≥0.30V(6)
0.25
V
Trailing Edge Dimming
Detection High Threshold
Hysteresis
V
MULT_TL_H_HYS
80
mV
Trailing Edge Dimming
Detection Low Threshold
V
MULT_TL_LOW
0.08
0.10
0.12
V
Leading Edge dimmer detection
Time threshold
tLEADING
Rising
86
100
134
µs
Trailing Edge dimmer detection
Time threshold
tTRAILING
Falling
388
450
602
µs
Error Amplifier
Reference Voltage
V
REF
0.400
0.414
0.428
V
Transconductance
G
EA
Guaranteed by design
130
µA/V
COMP Lower Clamp Voltage
V
COMPL_LD
Leading edge dimmer
1.83
1.88
1.94
V
V
COMPL_TL
Trailing edge dimmer
1.53
1.58
1.64
V
V
COMPL_N
No dimmer
1.53
1.58
1.64
V
VCOMPL_NTC≤1.0V NTC
≤1.0V
1.44
1.49
1.55
V
Max. Source Current
I
COMP+
57
µA
Max. Sink Current without
Dimmer
I
COMP-
200
µA
Sink Current at TRIAC
Dimming Off
I
SINK_DIM_LD
Leading Edge Dimmer
85.50
µA
I
SINK_DIM_TL
Trailing Edge Dimmer
155
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com