Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP4056GS Datasheet(PDF) 20 Page - Monolithic Power Systems

Part # MP4056GS
Description  TRIAC Dimmable, Non-isolated Offline LED Controller with Active PFC
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP4056GS Datasheet(HTML) 20 Page - Monolithic Power Systems

Back Button MP4056GS Datasheet HTML 16Page - Monolithic Power Systems MP4056GS Datasheet HTML 17Page - Monolithic Power Systems MP4056GS Datasheet HTML 18Page - Monolithic Power Systems MP4056GS Datasheet HTML 19Page - Monolithic Power Systems MP4056GS Datasheet HTML 20Page - Monolithic Power Systems MP4056GS Datasheet HTML 21Page - Monolithic Power Systems MP4056GS Datasheet HTML 22Page - Monolithic Power Systems MP4056GS Datasheet HTML 23Page - Monolithic Power Systems MP4056GS Datasheet HTML 24Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 26 page
background image
MP4056—TRIAC DIMMABLE, NON-ISOLATED OFFLINE LED CONTROLLER WITH APFC
MP4056 Rev.1.01
www.MonolithicPower.com
20
11/9/2016
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2016 MPS. All Rights Reserved.
Io
Dimming turn on cycle
100%
30%
70%
VCOMP
Figure 13: Leading Edge Dimming Curve
For trailing edge dimmers, there is no holding
current, the COMP voltage is clamped at a lower
level VCOML_TL to get deeper dimming depth.
Figure 14 shows the relationship between the
trailing edge dimming turn-on phase and output
current.
Io
Dimming turn on cycle
100%
40%
70%
VCOMP
Figure 14: Trailing Edge Dimming Curve
Dimming Pull-Down Current Source
There are three kinds of dimming pull down
current source in MP4056. The IDP_TL current
source is for trailing edge dimming, the other two
(weak/strong) current sources are for leading
edge dimming. The dimming pull down current is
used to pull down the rectified line voltage to zero
quickly to avoid any mis-detection on the MULT
pin.
If the leading edge dimmer is detected, the
dimming pull-down current source turns on when
the MULT decreases to VMULT_DP_ON_LD and turns
off until the MULT increases to VMULT_DP_OFF_LD. If
trailing edge dimmer is detected, the dimming
pull-down current source turns on when the
MULT decreases to VMULT_DP_ON_TL and turns off
until the MULT increases to VMULT_DP_OFF_TL.
The weak/strong dimming pull down current
source is selected through different resistance on
the ZCD pin. Figure 15 shows the selected logic:
If IDP_DET_LD *(R1+R2//R3)≥VEN_DP_STR_LD
Strong dimming pull-down current source is
selected; otherwise, weak dimming pull down
current source is selected.
In real
application design, the
weak/strong
dimming pull down current selection is related to
the detailed application SPEC.
+
ZCD
-
tDP_DET_LD
VEN_DP_STR_LD
S
R1
R2
R3
IDP_DET_LD
Strong _DP
Figure 15: Weak/Strong Dimming Pull Down
Current Source Selection
Damping Circuit Control
If a leading edge dimmer or trailing edge dimmer
is detected, the damping circuit is enabled to limit
the inrush current at the moment dimmer turns
on. If no dimmer is detected, the damping circuit
is disabled by pulling up the damp pin voltage so
the damping resister is shorted by the damping
MOSFET. The damp pin voltage begins to be
pulled up if MULT voltage increases higher than
VMULT_DAMP_ON and begins to be pulled down when
MULT
voltage
decreases
lower
than
VMULT_DAMP_OFF. The maximum pull up current
source is 100
μA while the max pull down current
source is 400
μA.
Color Temperature and Brightness Control
for Warm Sunset Dimming application
The color temperature and brightness control
circuit is shown in figure 16.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com