Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP4056GS Datasheet(PDF) 14 Page - Monolithic Power Systems

Part # MP4056GS
Description  TRIAC Dimmable, Non-isolated Offline LED Controller with Active PFC
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP4056GS Datasheet(HTML) 14 Page - Monolithic Power Systems

Back Button MP4056GS Datasheet HTML 10Page - Monolithic Power Systems MP4056GS Datasheet HTML 11Page - Monolithic Power Systems MP4056GS Datasheet HTML 12Page - Monolithic Power Systems MP4056GS Datasheet HTML 13Page - Monolithic Power Systems MP4056GS Datasheet HTML 14Page - Monolithic Power Systems MP4056GS Datasheet HTML 15Page - Monolithic Power Systems MP4056GS Datasheet HTML 16Page - Monolithic Power Systems MP4056GS Datasheet HTML 17Page - Monolithic Power Systems MP4056GS Datasheet HTML 18Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 26 page
background image
MP4056—TRIAC DIMMABLE, NON-ISOLATED OFFLINE LED CONTROLLER WITH APFC
MP4056 Rev.1.01
www.MonolithicPower.com
14
11/9/2016
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2016 MPS. All Rights Reserved.
PIN FUNCTIONS
Pin #
Name
Description
SOIC8
SOIC14
MSOP10
1
2
1
MULT
One of the Internal Multiplier’s Inputs. Connect to the tap of resistor
divider from the rectified voltage of the AC line. The half-wave sinusoid
signal on this pin provides a reference signal for the internal current
control loop. The MULT is also used for dimmer type and phase
detection.
2
3
2
ZCD
Zero-Current Detection. A negative going edge triggers the internal
MOSFET’s turn-on signal. Connect to the tap of a resistor divider from
the auxiliary winding to GND. The over-voltage condition is detected from
ZCD. Over-voltage occurs if VZCD exceeds the over-voltage-protection
(OVP) threshold after a blanking time when the internal MOSFET turns
off. The ZCD is also used to select the Strong/Weak Dimming Pull Down
Current in leading edge dimming. Besides, the ZCD itself has short
circuit protection to prevent the device damage when output is open and
ZCD pin is short.
3
4
3
VCC
Supply Voltage. Supply power for both the control signal and the internal
MO
SFET’s gate driver. Connect this pin to an external bulk capacitor—
typically 22µF.
4
5
4
DAMP
Gate Control pin of the external Damping MOSFET.
NA
6
5
DIM
Gate driver. DIM is used to control the color temperature and brightness
for warm sunset dimming or drive an external dummy load to enlarge the
dimming depth. It is the compliment signal to the TRIAC dimming; i.e. as
TRIAC commands less LED current, DIM duty cycle commands more.
5
9
6
D
Internal Low-Side main MOSFET Drain. It is connected to the source of
the external high-side MOSFET. This pin is also internally connected to
VCC through a diode and a JFET to form an internal charging circuit for
VCC. There is an internal series-connected MOS and diode to pull up the
D to VCC at fault condition to turn off the main switch reliably. There is
an intelligent dimming pull down current source on this pin.
6
10
7
S
Internal Low-Side main MOSFET Source. Connect a resistor from this
pin to GND to sense the internal MOSFET current. An internal
comparator compares the resulting voltage to the internal sinusoid
shaped current reference signal to determine when the MOSFET turns
off. If the voltage exceeds the upper current-clamp threshold after the
leading edge blanking time, the gate signal turns off. Over-current occurs
if S exceeds OCP threshold during the gate-on interval after the OCP
lead edge blanking time.
NA
11
8
NTC
LED temperature protection input. Connecting a NTC resistor from this
pin to GND reduces the output current in high ambient temperature to
protect the LED and driver. Analog dimming is accomplished with an
external PWM signal through a resistor. A 1kΩ resistor is recommended.
7
12
9
GND
Ground. Current return of the control signal and power signal.
8
13
10
COMP
Loop Compensation. Connect COMP to a compensation network
(typically a capacitor to ground) to stabilize the LED driver and accurately
control the LED driver current.
1,7,8,14
NC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com