Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5605ACPZ-R7 Datasheet(PDF) 3 Page - Analog Devices

Part # ADL5605ACPZ-R7
Description  RF Driver Amplifier
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5605ACPZ-R7 Datasheet(HTML) 3 Page - Analog Devices

  ADL5605ACPZ-R7 Datasheet HTML 1Page - Analog Devices ADL5605ACPZ-R7 Datasheet HTML 2Page - Analog Devices ADL5605ACPZ-R7 Datasheet HTML 3Page - Analog Devices ADL5605ACPZ-R7 Datasheet HTML 4Page - Analog Devices ADL5605ACPZ-R7 Datasheet HTML 5Page - Analog Devices ADL5605ACPZ-R7 Datasheet HTML 6Page - Analog Devices ADL5605ACPZ-R7 Datasheet HTML 7Page - Analog Devices ADL5605ACPZ-R7 Datasheet HTML 8Page - Analog Devices ADL5605ACPZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
Data Sheet
ADL5605
Rev. B | Page 3 of 18
SPECIFICATIONS
VCC1 = 5 V and TA = 25°C, unless otherwise noted.1
Table 1.
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
OVERALL FUNCTION
Frequency Range
700
1000
MHz
FREQUENCY = 748 MHz ± 20 MHz
Gain
24.3
dB
vs. Frequency
±20 MHz
+0.01/−0.19
dB
vs. Temperature
−40°C ≤ TA ≤ +85°C
±0.8
dB
vs. Supply
4.75 V to 5.25 V
±0.07
dB
Output 1 dB Compression Point (P1dB)
31.4
dBm
vs. Frequency
±20 MHz
−0.68/+0.08
dB
vs. Temperature
−40°C ≤ TA ≤ +85°C
+0.94/−1.99
dB
vs. Supply
4.75 V to 5.25 V
−0.24/−0.05
dB
Output Third-Order Intercept (OIP3)
∆f = 1 MHz, POUT = 14 dBm per tone
41.9
dBm
vs. Frequency
±20 MHz
−0.22/+0.16
dB
vs. Temperature
−40°C ≤ TA ≤ +85°C
+0.07/−1.56
dB
vs. Supply
4.75 V to 5.25 V
+0.04/+0.09
dB
Noise Figure
4.8
dB
FREQUENCY = 881 MHz ± 13 MHz
Gain
23.0
dB
vs. Frequency
±13 MHz
−0.03/−0.08
dB
vs. Temperature
−40°C ≤ TA ≤ +85°C
±0.7
dB
vs. Supply
4.75 V to 5.25 V
±0.05
dB
Output 1 dB Compression Point (P1dB)
31.4
dBm
vs. Frequency
±13 MHz
−0.18/−0.11
dB
vs. Temperature
−40°C ≤ TA ≤ +85°C
±0.6
dB
vs. Supply
4.75 V to 5.25 V
−0.4/+0.3
dB
Output Third-Order Intercept (OIP3)
∆f = 1 MHz, POUT = 14 dBm per tone
43.4
dBm
vs. Frequency
±13 MHz
−0.32/+0.40
dB
vs. Temperature
−40°C ≤ TA ≤ +85°C
−0.19/−0.99
dB
vs. Supply
4.75 V to 5.25 V
+0.21/−0.03
dB
Noise Figure
4.7
dB
FREQUENCY = 943 MHz ± 18 MHz
Gain
23.0
dB
vs. Frequency
±18 MHz
+0.28/−0.04
dB
vs. Temperature
−40°C ≤ TA ≤ +85°C
±0.8
dB
vs. Supply
4.75 V to 5.25 V
±0.04
dB
Output 1 dB Compression Point (P1dB)
30.9
dBm
vs. Frequency
±18 MHz
+0.39/−0.08
dB
vs. Temperature
−40°C ≤ TA ≤ +85°C
+0.7/−0.9
dB
vs. Supply
4.75 V to 5.25 V
−0.43/+0.35
dB
Adjacent Channel Power Ratio (ACPR)
POUT = 18 dBm, one-carrier W-CDMA,
64 DPCH, frequency = 946 MHz
51
dBc
Output Third-Order Intercept (OIP3)
∆f = 1 MHz, POUT = 14 dBm per tone
44.2
dBm
vs. Frequency
±18 MHz
−0.47/−0.10
dB
vs. Temperature
−40°C ≤ TA ≤ +85°C
+0.7/−1.6
dB
vs. Supply
4.75 V to 5.25 V
−0.08/+0.07
dB
Noise Figure
4.8
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com