Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5605ACPZ-R7 Datasheet(PDF) 11 Page - Analog Devices

Part # ADL5605ACPZ-R7
Description  RF Driver Amplifier
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5605ACPZ-R7 Datasheet(HTML) 11 Page - Analog Devices

Back Button ADL5605ACPZ-R7 Datasheet HTML 7Page - Analog Devices ADL5605ACPZ-R7 Datasheet HTML 8Page - Analog Devices ADL5605ACPZ-R7 Datasheet HTML 9Page - Analog Devices ADL5605ACPZ-R7 Datasheet HTML 10Page - Analog Devices ADL5605ACPZ-R7 Datasheet HTML 11Page - Analog Devices ADL5605ACPZ-R7 Datasheet HTML 12Page - Analog Devices ADL5605ACPZ-R7 Datasheet HTML 13Page - Analog Devices ADL5605ACPZ-R7 Datasheet HTML 14Page - Analog Devices ADL5605ACPZ-R7 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
Data Sheet
ADL5605
Rev. B | Page 11 of 18
GENERAL
35
30
0
5
15
10
20
25
43.7
44.4
43.8 43.9 44.0 44.1 44.2 44.3
44.5 44.6 44.7 44.8
OIP3 (dBm)
Figure 22. OIP3 Distribution at 943 MHz, 14 dBm per Tone
35
40
30
0
5
15
10
20
25
30.5
31.1
30.6 30.7 30.8 30.9 31.0
31.2 31.3 31.4 31.5
P1dB (dBm)
Figure 23. P1dB Distribution at 943 MHz
35
40
30
0
5
15
10
20
25
22.7
23.1
22.8
22.9
23.0
23.2
23.3
23.4
GAIN (dB)
Figure 24. Gain Distribution at 943 MHz
35
30
0
5
15
10
20
25
4.45
4.65
4.50
4.55
4.60
4.70
4.75
4.80
NOISE FIGURE (dB)
Figure 25. Noise Figure Distribution at 943 MHz
0
–10
–20
–30
–40
–50
–60
–70
–80
–90
0
2
4
6
8
10
12
14
16
18
20
22
POUT (dBm)
946MHz
Figure 26. ACPR vs. POUT, 3GPP, TM1-64, at 946 MHz
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0
–10
–5
0
25
20
15
10
5
POUT (dBm)
946MHz
Figure 27. EVM vs. POUT, 3GPP, TM1-64, at 946 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com